Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65100QPWPRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100QPWPRQ1
Description  TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65100QPWPRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65100QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS65100-Q1
www.ti.com
SLVS849A – JULY 2008 – REVISED APRIL 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
Voltage range on pin VIN(2)
–0.3 V to 6 V
Voltage range on pins VO1, SUP, PG
(2)
–0.3 V to 15.5 V
Voltage range on pins EN, MODE, ENR(2)
–0.3 V to VI + 0.3 V
Voltage on pin VCOMIN
14 V
Voltage on pin SW(2)
20 V
Continuous power dissipation
See Dissipation Ratings Table
Operating junction temperature range
–40°C to 150°C
Storage temperature range
–65°C to 150°C
Lead temperature (soldering, 10 seconds)
260°C
Human-Body Model (HBM)
2000 V
Electrostatic discharge (ESD) rating
Machine Model (MM)
100 V
Charged-Device Model (CDM)
1000 V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
R
θJA
POWER RATING
POWER RATING
POWER RATING
24-pin TSSOP
30.13°C/W (PWP soldered)
3.3 W
1.83 W
1.32 W
THERMAL INFORMATION
TPS65100-Q1
THERMAL METRIC(1)
UNIT
PWP (24 PINS)
θJA
Junction-to-ambient thermal resistance
37.2
θJCtop
Junction-to-case (top) thermal resistance
19.5
θJB
Junction-to-board thermal resistance
16.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
16.6
θJCbot
Junction-to-case (bottom) thermal resistance
2.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.7
5.8
V
L
Inductor(1)
4.7
μH
TA
Operating free-air temperature
–40
125
°C
TJ
Operating virtual-junction temperature
–40
125
°C
(1)
See the Application Information section for further information.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65100-Q1


Similar Part No. - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
More results

Similar Description - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com