Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65053-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65053-Q1
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65053-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65053-Q1 Datasheet HTML 1Page - Texas Instruments TPS65053-Q1 Datasheet HTML 2Page - Texas Instruments TPS65053-Q1 Datasheet HTML 3Page - Texas Instruments TPS65053-Q1 Datasheet HTML 4Page - Texas Instruments TPS65053-Q1 Datasheet HTML 5Page - Texas Instruments TPS65053-Q1 Datasheet HTML 6Page - Texas Instruments TPS65053-Q1 Datasheet HTML 7Page - Texas Instruments TPS65053-Q1 Datasheet HTML 8Page - Texas Instruments TPS65053-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
12
11
10
9
8
7
123456
181716151413
FB_DCDC1
EN_DCDC1
EN_DCDC2
EN_LDO1
MODE
AGND
EN_LDO3
EN_LDO2
RESET
VLDO3
VINLDO2/3
VLDO2
19
20
21
22
23
24
TPS65053-Q1
TPS650531-Q1
TPS650532-Q1
www.ti.com
SLVSAW1
– JUNE 2011
PIN ASSIGNMENTS
RGE PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
Power supply for digital and analog circuitry of DCDC1, DCDC2 and LDOs. This pin must be connected to the same
VCC
1
I
voltage supply as VINDCDC1/2.
Input to adjust output voltage of converter 1 between 0.6 V and VI. Connect external resistor divider between VOUT1,
FB_DCDC1
19
I
this pin and GND.
Select between Power Save Mode and forced PWM Mode for DCDC1 and DCDC2. In Power Save Mode, PFM is
MODE
23
I
used at light loads, PWM for higher loads. If PIN is set to high level, forced PWM Mode is selected. If Pin has low
level, then the device operates in Power Save Mode.
Input voltage for VDCDC1 and VDCDC2 step-down converter. This must be connected to the same voltage supply as
VINDCDC1/2
16
I
VCC.
Input to adjust output voltage of converter 2 between 0.6V and VIN. Connect external resistor divider between
FB_DCDC2
13
I
VOUT2, this pin and GND.
L1
17
O
Switch pin of converter 1. Connected to Inductor
PGND1
18
I
GND for converter 1
PGND2
14
I
GND for converter 2
AGND
24
I
Analog GND, connect to PGND and PowerPAD
L2
15
O
Switch Pin of converter 2. Connected to Inductor.
EN_DCDC1
20
I
Enable Input for converter 1, active high
EN_DCDC2
21
I
Enable Input for converter 2, active high
VINLDO1
2
I
Input voltage for LDO1
VINLDO2/3
8
I
Input voltage for LDO2 and LDO3
VLDO1
3
O
Output voltage of LDO1
VLDO2
7
O
Output voltage of LDO2
VLDO3
9
O
Output voltage of LDO3
FB_LDO1
4
1
Feedback input for the external voltage divider.
FB_LDO2
6
I
Feedback input for the external voltage divider.
EN_LDO1
22
I
Enable input for LDO1. Logic high enables the LDO, logic low disables the LDO.
EN_LDO2
11
I
Enable input for LDO2. Logic high enables the LDO, logic low disables the LDO.
EN_LDO3
12
I
Enable input for LDO3. Logic high enables the LDO, logic low disables the LDO.
THRESHOLD
5
I
Reset input
RESET
10
O
Open drain active low reset output, 100 ms reset delay time.
PowerPAD
Connect to GND
Copyright
© 2011, Texas Instruments Incorporated
5


Similar Part No. - TPS65053-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053 TI1-TPS65053 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
TPS650531 TI1-TPS650531 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
TPS650531RGER TI1-TPS650531RGER Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
More results

Similar Description - TPS65053-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com