Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89V564 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST89V564
Description  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V564 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST89V564 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89V564 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
9
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
RST
I
Reset: While the oscillator is running, a high logic state on this pin for two machine cycles will
reset the device. After a reset, if the PSEN# pin is driven by a high-to-low input transition
while the RST input pin is held high, the device will enter the External Host mode, otherwise
the device will enter the Normal operation mode.
EA#
I
External Access Enable: EA# must be driven to VIL in order to enable the device to fetch
code from the External Program Memory. EA# must be driven to VIH for internal program exe-
cution. However, Security lock level 4 will disable EA#, and program execution is only possi-
ble from internal program memory. The EA# pin can tolerate a high voltage2 of 12V
(see “Absolute Maximum Stress Ratings” on page 47).
ALE/PROG#
I/O
Address Latch Enable: ALE is the output signal for latching the low byte of the address dur-
ing accesses to external memory. This pin is also the programming pulse input (PROG#) for
the external host mode. ALE is activated twice each machine cycle, except when access to
External Data Memory, one ALE activation is skipped in the second machine cycle. However,
if AO is set to 1, ALE is disabled. (see “Auxiliary Register (AUXR)” on page 20)
XTAL1
XTAL2
I
O
Oscillator: Input and output to the inverting oscillator amplifier. XTAL1 is input to internal
clock generation circuits from an external clock source.
VDD
I
Power Supply: Supply voltage during normal, Idle, Power Down, and Standby Mode opera-
tions.
Vss
I
Ground: Circuit ground. (0V reference)
T2-1.6 384
1. I = Input; O = Output
2. It is not necessary to receive a 12V programming supply voltage during flash programming.
TABLE
2-1: PIN DESCRIPTIONS (CONTINUED) (2 OF 2)
Symbol
Type1
Name and Functions


Similar Part No. - SST89V564

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89V564RD SST-SST89V564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89V564RD SST-SST89V564RD Datasheet
962Kb / 90P
   FlashFlex MCU
SST89V564RD SST-SST89V564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V564RD-25-C-NI SST-SST89V564RD-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89V564RD-25-C-NJ SST-SST89V564RD-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Similar Description - SST89V564

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com