Electronic Components Datasheet Search |
|
SST58SM024 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc |
|
SST58SM024 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc |
7 / 40 page Advance Information ATA-Disk Module SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 7 ©2001 Silicon Storage Technology, Inc. S71193-01-000 9/01 519 TABLE 2-1: 44-PIN PIN ASSIGNMENT Pin No. Signal Name Pin Type I/O Type1 1 RESET# I I4U 2 GND Ground 3 D7 I/O I2D, O2 4 D8 I/O I2D, O2 5 D6 I/O I2D, O2 6 D9 I/O I2D, O2 7 D5 I/O I2D, O2 8 D10 I/O I2D, O2 9 D4 I/O I2D, O2 10 D11 I/O I2D, O2 11 D3 I/O I2D, O2 12 D12 I/O I2D, O2 13 D2 I/O I2D, O2 14 D13 I/O I2D, O2 15 D1 I/O I2D, O2 16 D14 I/O I2D, O2 17 D0 I/O I2D, O2 18 D15 I/O I2D, O2 19 GND Ground 20 NC 21 NC 22 GND Ground 23 IOWR# I I3U 24 GND Ground 25 IORD# I I3U 26 GND Ground 27 NC 28 NC2 29 NC 30 NC/WP#3 I2U 31 INTRQ O O1 32 IOCS16# O O2 33 A1 I I2D 34 PDIAG# I/O I2U, O1 35 A0 I I2D 36 A2 I I2D 37 CS1FX# I I3U 38 CS3FX# I I3U 39 DASP# I/O I2U, O1 40 GND Ground 41 VDD Power 42 VDD Power 43 GND Ground 44 NC T2-1.6 519 1. Please refer to Sections 2.3.1 to 2.3.4 for detail 2. Pin 28 is CSEL in standard host 40-pin IDE interface. Master/ Slave setting is selected through an on-board jumper. 3. Pin 30 is jumper selectable as NC or WP#. TABLE 2-2: 40-PIN PIN ASSIGNMENT Pin No. Signal Name Pin Type I/O Type1 1 RESET# I I4U 2 GND Ground 3 D7 I/O I2D, O2 4 D8 I/O I2D, O2 5 D6 I/O I2D, O2 6 D9 I/O I2D, O2 7 D5 I/O I2D, O2 8 D10 I/O I2D, O2 9 D4 I/O I2D, O2 10 D11 I/O I2D, O2 11 D3 I/O I2D, O2 12 D12 I/O I2D, O2 13 D2 I/O I2D, O2 14 D13 I/O I2D, O2 15 D1 I/O I2D, O2 16 D14 I/O I2D, O2 17 D0 I/O I2D, O2 18 D15 I/O I2D, O2 19 GND Ground 20 VDD2 Power 21 NC 22 GND Ground 23 IOWR# I I3U 24 GND Ground 25 IORD# I I3U 26 GND Ground 27 NC 28 NC3 29 NC 30 NC/WP#4 I2U 31 INTRQ O O1 32 IOCS16# O O2 33 A1 I I2D 34 PDIAG# I/O I2U, O1 35 A0 I I2D 36 A2 I I2D 37 CS1FX# I I3U 38 CS3FX# I I3U 39 DASP# I/O I2U, O1 40 GND Ground T2-2.6 519 1. Please refer to Sections 2.3.1 to 2.3.4 for detail. 2. Optional, not available in standard host 40-pin IDE interface. 3. Pin 28 is CSEL in standard host 40-pin IDE interface. Master/ Slave setting is selected through an on-board jumper. 4. Pin 30 is jumper selectable as NC or WP#. |
Similar Part No. - SST58SM024 |
|
Similar Description - SST58SM024 |