Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62110-HT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62110-HT
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62110-HT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62110-HT Datasheet HTML 1Page - Texas Instruments TPS62110-HT Datasheet HTML 2Page - Texas Instruments TPS62110-HT Datasheet HTML 3Page - Texas Instruments TPS62110-HT Datasheet HTML 4Page - Texas Instruments TPS62110-HT Datasheet HTML 5Page - Texas Instruments TPS62110-HT Datasheet HTML 6Page - Texas Instruments TPS62110-HT Datasheet HTML 7Page - Texas Instruments TPS62110-HT Datasheet HTML 8Page - Texas Instruments TPS62110-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS62110-HT
SLVSAO9B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VI = 12 V, VO = 3.3 V, IO = 600 mA, EN = VI
TA = -55°C to 125°C
TA = 175°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SUPPLY CURRENT
VI
Input voltage range (1)
3.1
17
3.1
17
V
IO = 0 mA, SYNC = GND, VI = 7.2 V,
20
32
TA = 25°C
(2)
I(Q)
Operating quiescent current
μA
IO = 0 mA, SYNC = GND,
23
30
35
70
VI = 17 V
(2)
EN = GND, VI = 12 V
1.5
5
9.5
45
I(SD)
Shutdown current
μA
EN = GND, VI = 17 V
1.5
6
10.2
45
ENABLE
VIH
EN high-level input voltage
1.3
1.3
V
VIL
EN low-level input voltage
0.3
0.3
V
EN trip-point hysteresis
170
170
mV
IIKG
EN input leakage current
EN = GND or VI, VI = 17 V
0.07
0.2
0.07
0.2
μA
I(EN)
EN input current
0.6 V
≤ V(EN) ≤ 4 V
10
5
μA
Undervoltage lockout
V(UVLO)
Input voltage falling
2.8
3
3.1
2.8
3
3.1
V
threshold
Undervoltage lockout
225
250
mV
hysteresis
POWER SWITCH
P-channel MOSFET
rDS(ON)
VI ≥ 5.4 V, IO = 350 mA
165
250
165
325
m
on-resistance
P-channel MOSFET leakage
VDS = 17 V
0.1
1
2
7
μA
current
P-channel MOSFET current
VI = 7.2 V, VO = 3.3 V
2400
2600
mA
limit
N-channel MOSFET
rDS(ON)
VI ≥ 5.4 V, IO = 350 mA
145
200
185
270
m
on-resistance
N-channel MOSFET
leakage
VDS = 17 V
0.1
3
2.1
18
μA
current
POWER GOOD OUTPUT, LBI, LBO
V(PG)
Power good trip voltage
VO – 1.6%
VO – 1.6%
V
VO ramping positive
50
57
Power good delay time
μs
VO ramping negative
190
200
VOL
PG, LBO output low voltage
V(FB) = 1.1 × VO nominal, IOL = 1 mA
0.3
0.3
V
IOL
PG, LBO sink current
1
1
mA
PG, LBO output leakage
V(FB) = VO nominal
0.01
0.25
0.01
0.25
μA
current
Minimum supply voltage for
valid power good, LBI, LBO
3
3
V
signal
Low battery input trip
VLBI
Input voltage falling
1.256
1.260
V
voltage
ILBI
LBI input leakage current
10
100
10
100
nA
Low battery input trip-point
1.5
1.5
%
accuracy
VLBI,HYS
Low battery input hysteresis
25
25
mV
(1)
Not production tested
(2)
Device is not switching.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62110-HT


Similar Part No. - TPS62110-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62110-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com