Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-721XPDZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-721XPDZ
Description  10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-721XPDZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-721XPDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image

Features
• RoHS-6Compliant
• Supports10.3Gb/sto11.3Gb/sbitrates
• ComplianttoXFPMSA
• Supports10Gb/sEthernetandFibreChannel
- IEEE802.3ae10GBASE-LRfor10GbE,10.3125Gb/s
- 10GFC1310nmSerialPMD,type1200-SM-LL-L,
10.51875Gb/s
• AvagoTechnologies’uncooled1310nmDFBLaserand
PINPhotodiode
• CompliantXFI10GSerialelectricalinterface
• LCDuplexopticalconnectorinterfaceconformingto
ANSITIA/EIA604-10(FOCIS10)
• 1.5Wtypicalpowerdissipation
• NoReferenceClockrequired
• SuperiorThermal and EMI integrity performance to
supporthighportdensities
• Customizableclip-onheatsinktosupportavarietyof
linecardenvironments
• -5to+70°Ccaseoperatingtemperaturerange
• SupportXFIloopback
• 2-wireserialmanagementinterfaceprovidesrealtime
monitorsof:
- TransmittedOpticalPower
- ReceivedOpticalPower
- LaserBiasCurrent
- ModuleTemperature
• LinkLengthsupto10kmwith9µmfiber
• IEC60825-1Class1/CDRHClass1lasereyesafety.
Description
The1310nmXFPtransceiverisahighperformance,cost
effectivemoduleforserialopticaldatacommunications
applications specified for signal rates of 10.30 Gb/s to
11.3Gb/s.ItiscomplianttoXFPMSARev4.5.Themod-
uleisdesignedforsinglemodefiberandoperatesata
nominal wavelength of 1310 nm.The transmitter sec-
tionincorporatesAvagoTechnologies’uncooleddirectly
modulated 1310 nm distributed feedback laser (DFB).
The receiver section uses AvagoTechnologies’ MOVPE
grown planar TEDET PIN photodetector for low dark
currentandexcellentresponsivity.IntegratedTxandRx
signalconditionersprovidehighjitter-toleranceforfull
XFI compliance.The internally AC coupled high speed
serialI/Osimplifiesinterfacingtoexternalcircuitry.The
electricalinterfaceismadeusinganindustrystandard
0.8mmpitch30-pinrightangleconnector.Opticalcon-
nectionismadeviatheduplexLCconnector.
Applications
• FibreChannelSwitches
• HostBusAdapterCards
• MassStorageSystemandServerI/O
• EthernetSwitches
• CoreRouters
Related Products
• AFCT-711XPDZ:Multi-rate1310nmXFP10Gbit/sOptical
TransceiverforSONET/SDHOC-192,10GbE&10GFC
• AFBR-720XPDZ: 10GbE 850nm XFP 10Gbit/s Optical
Transceiver
AFCT-721XPDZ
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
Data Sheet


Similar Part No. - AFCT-721XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results

Similar Description - AFCT-721XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Optoway Technology Inc
XPS-2110WG OPTOWAY-XPS-2110WG Datasheet
232Kb / 8P
   10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2110WG OPTOWAY-XPS-2110WG_07 Datasheet
236Kb / 9P
   10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2140WG OPTOWAY-XPS-2140WG Datasheet
293Kb / 9P
   10Gb/s 40km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Optoway Technology Inc
XPS-2120WG OPTOWAY-XPS-2120WG Datasheet
292Kb / 9P
   10Gb/s 20 km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPM-2100WG OPTOWAY-XPM-2100WG Datasheet
234Kb / 8P
   10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com