Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62110-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62110-EP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62110-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62110-EP Datasheet HTML 4Page - Texas Instruments TPS62110-EP Datasheet HTML 5Page - Texas Instruments TPS62110-EP Datasheet HTML 6Page - Texas Instruments TPS62110-EP Datasheet HTML 7Page - Texas Instruments TPS62110-EP Datasheet HTML 8Page - Texas Instruments TPS62110-EP Datasheet HTML 9Page - Texas Instruments TPS62110-EP Datasheet HTML 10Page - Texas Instruments TPS62110-EP Datasheet HTML 11Page - Texas Instruments TPS62110-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TYPICAL CHARACTERISTICS
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
15V
12V
8.4V
V
=5V
T
PWMMode
O
A =25 C
o
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
15V
12V
8.4V
V
=5V
T
PFMMode
O
A =25 C
o
TPS62110-EP
TPS62111-EP
TPS62112-EP
SLVS630C – APRIL 2007 – REVISED MAY 2008 .............................................................................................................................................................. www.ti.com
Table of Graphs
FIGURE
Efficiency
vs
Output current (5 V)
1, 2
Efficiency
vs
Output current (3.3 V)
3, 4, 5
Maximum output current
vs
Input voltage
6
Efficiency
vs
Output current (1.8 V)
7, 8
Efficiency
vs
Output current (1.5 V)
9, 10
Line transient response
11
Load transient response
12
Output ripple
13
Start-up timing
14
Switching frequency
vs
Input voltage
15
Quiescent current
vs
Input voltage
16
Graphs with VO = 1.8 V were taken using the circuit according to Figure 20.
TPS62112
TPS62112
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Similar Part No. - TPS62110-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62110-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com