Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST58LD008 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST58LD008
Description  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD008 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST58LD008 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58LD008 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
2.3 Electrical Specification
The following tables define all D.C. Characteristics for the SST ATA-Disk Chip product family.
2.3.1 Absolute Maximum Conditions
Unless otherwise stated, conditions are for Commercial Temperature:
Non-operating (storage) temperature range: -50°C to +100°C
VDD = 4.5-5.5V
VDD = 3.135-3.465V
Ta = 0°C to +70°C
ADC products shall operate correctly in both voltage ranges as shown in the tables above. To comply with this
specification, current requirements must not exceed the maximum limit.
2.3.2 Input Leakage Current
In the table below, x refers to the characteristics described in section 2.3.2. For example, I1U indicates a pull up
resistor with a type 1 input characteristic.
ABSOLUTE MAXIMUM CONDITIONS
Parameter
Symbol
Conditions
Input Power
VDD
-0.3V min. to 6.5V max.
Voltage on any pin except VDD with respect to GND
V
-0.5V min. to VDD + 0.5V max.
INPUT POWER
Voltage
Maximum Average RMS
Active Current
Maximum Average RMS
Sleep Current
Measurement Method
3.135-3.465V
75 mA
200 µA
3.3V at 25
°C1
1. Current measurement is accomplished by connecting an amp meter (set to the 2 amp scale range) in series with the
VDD supply to
the ADC. Current measurements are to be taken while looping on a data transfer command with a sector count of 128.
Current consumption values for both Read and Write commands are not to exceed the Maximum Average RMS Current specified in
this table.
4.5-5.5V
100 mA
300 µA
5.0V at 25
°C1
Type
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IxZ
Input Leakage Current
IL
VIH = VDD / VIL = Gnd
-1
1
µA
IxU
Pull Up Resistor
RPU1
VDD = 5.0V
50k
500k
Ohm
IxD
Pull Down Resistor
RPD1
VDD = 5.0V
50k
500k
Ohm


Similar Part No. - SST58LD008

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Similar Description - SST58LD008

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com