Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61085TDGKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61085TDGKRQ1
Description  650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61085TDGKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61085TDGKRQ1 Datasheet HTML 1Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 2Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 3Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 4Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 5Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 6Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 7Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 8Page - Texas Instruments TPS61085TDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Cout
1
4
5
6
3
2
7
TPS61085
8
L
3.3 H
m
V
2.3Vto6V
IN
C
10 F
16V
IN
m
Cby
1 F
16V
m
IN
EN
FREQ
GND
SW
FB
COMP
SS
Css
100nF
Rcomp
51kW
Ccomp
1.6nF
R1
156kW
R2
18kW
2*10 F
25V
m
V
12V/300mA
S
D
PMEG2010AEH
TPS61085T-Q1
www.ti.com
SLVSAI9 – SEPTEMBER 2010
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
Check for Samples: TPS61085T-Q1
1
FEATURES
APPLICATIONS
Handheld Devices
2.3-V to 6-V Input Voltage Range
GPS Receiver
18.5-V Boost Converter With 2.0-A Switch
Digital Still Camera
Current
Portable Applications
650-kHz/1.2-MHz Selectable Switching
DSL Modem
Frequency
PCMCIA Card
Adjustable Soft-Start
TFT LCD Bias Supply
Thermal Shutdown
Undervoltage Lockout
8-Pin MSOP Package
DESCRIPTION
The TPS61085 is a high-frequency high-efficiency dc-to-dc converter with an integrated 2.0-A 0.13-
Ω power
switch capable of providing an output voltage up to 18.5 V. The selectable frequency of 650 kHz and 1.2 MHz
allows the use of small external inductors and capacitors and provides fast transient response. The external
compensation allows optimizing the application for specific conditions. A capacitor connected to the soft-start pin
minimizes inrush current at startup.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61085TDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085TDGKR TI1-TPS61085TDGKR Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results

Similar Description - TPS61085TDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com