Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60255RTER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60255RTER
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60255RTER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS60255RTER Datasheet HTML 5Page - Texas Instruments TPS60255RTER Datasheet HTML 6Page - Texas Instruments TPS60255RTER Datasheet HTML 7Page - Texas Instruments TPS60255RTER Datasheet HTML 8Page - Texas Instruments TPS60255RTER Datasheet HTML 9Page - Texas Instruments TPS60255RTER Datasheet HTML 10Page - Texas Instruments TPS60255RTER Datasheet HTML 11Page - Texas Instruments TPS60255RTER Datasheet HTML 12Page - Texas Instruments TPS60255RTER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
V
A
V
F
V
DX
TPS60255
Vin
Gear Down
Gear Up
Vout
Vin
1.5 Mode
Operating Area
´
1 Mode
Operating Area
´
VB
VC
Vhys
TPS60255
SLVS825 – MARCH 2008
Figure 10. Input Voltage Hysteresis Between 1
× and 1.5× Modes
As shown in Figure 10, there is input hysteresis voltage between 1
× and 1.5× modes to ensure stable operation
during mode transition. For the single-cell Li-ion battery input voltage range, the TPS60255 operates in 1
× mode
when a fully charged battery is installed. Once the battery voltage drops below the VB level, the WLED driver
operates in the 1.5
× mode. Once in 1.5× mode with the same LED current condition, the battery voltage must
rise to the VC level in order to transition from 1.5× to 1× mode. This hysteresis ensures stable operation when
there is some input voltage fluctuation at the 1
×/1.5× mode transition.
The input transition voltage (VB) depends on the drop out voltage of the charge pump stage (VA), WLED forward
voltage (VF), and the mode transition threshold voltage (VTH_GU). The input transition voltage is calculated as:
VB = VA + VF + VTH_GU
VA = RO_1X × IO
where
RO_1X
is
the
1
× mode output impedance and I
O
is
the
total
output
current.
See the ELECTRICAL CHARACTERISTICS table for output impedance specifications.
The TPS60255 switches to 1.5
× mode when the input voltage is below V
B and remains in the 1.5× mode as long
as the input is lower than VC. When the input voltage rises above VC, 1.5× Mode is exited. VC is calculated as:
VC = VF + 550mV
The input voltage mode transition hysteresis voltage (VHYS) between the 1× and 1.5× modes is calculated as:
VHYS = VC – VB = 550 mV – VTH_GU – VA, where VTH_GU = 100 mV
Note that VA is the key factor in determining VHYS and is dependant on the 1× mode charge pump output
impedance and WLED current.
Example: If we choose LWE67C (Osram) and set Iled = 15.3 mA, then VF = 3.55 V according to the LED
characteristics curve.
Total load current, IO = 15.3 mA × 6 = 91.8 mA
VB = RO1X * IO + VTH_GU + VF = 1*0.0918 + 0.1 + 3.55 = 3.748 (Gear up voltage)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS60255


Similar Part No. - TPS60255RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60255RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
ams AG
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com