Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV02-0746EN Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AV02-0746EN
Description  The 4-pin MOST Optical Receiver (ODIN MOR4 02)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AV02-0746EN Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AV02-0746EN Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AV02-0746EN Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AV02-0746EN Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AV02-0746EN Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AV02-0746EN Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 007 Avago Technologies Limited. All rights reserved.
AV0-0746EN - November 6, 007
Disclaimer
The information herein is given to describe certain components and shall not be considered as a guarantee of
characteristics.
Terms of delivery and rights to technical change reserved.We hereby disclaim any and all warranties, including but
not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein.
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in-
question please contact your nearest Avago Technologies Office.
Avago Technologies Components may only be used in life-support devices or systems with the express written
approval of Avago Technologies, if a failure of such components can reasonably be expected to cause the failure
of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support
devices or systems are intended to be implanted in the human body, or to support and/or maintain and sus-
tainand/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons
maybe endangered.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest
Avago Technologies Office (www.avagotech.com).
Revision History
Current Document:
AV02-0746EN - November 6, 2007
Previous Version:
AV02-0746EN - October 3, 2007
Page
Subjects (major changes since last revision)
3
Additional specification for rise and fall time.
Rounding of decimal places.


Similar Part No. - AV02-0746EN

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AV02-0744EN AVAGO-AV02-0744EN Datasheet
279Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MIR4 02)
AV02-0745EN AVAGO-AV02-0745EN Datasheet
156Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MPR4 02)
More results

Similar Description - AV02-0746EN

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AV02-0745EN AVAGO-AV02-0745EN Datasheet
156Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MPR4 02)
AV02-0744EN AVAGO-AV02-0744EN Datasheet
279Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MIR4 02)
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Optoway Technology Inc
PT-3600G OPTOWAY-PT-3600G Datasheet
63Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3615 OPTOWAY-FL-3615 Datasheet
54Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
   The most suitable detection distance
logo
Optoway Technology Inc
FL-3620 OPTOWAY-FL-3620 Datasheet
55Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
logo
Hamamatsu Corporation
L10663-01 HAMAMATSU-L10663-01 Datasheet
554Kb / 3P
   Transmitter/Receiver photo IC for optical link 3.3 V operation, for MOST automotive network
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com