Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54428 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54428
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54428 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54428 Datasheet HTML 1Page - Texas Instruments TPS54428 Datasheet HTML 2Page - Texas Instruments TPS54428 Datasheet HTML 3Page - Texas Instruments TPS54428 Datasheet HTML 4Page - Texas Instruments TPS54428 Datasheet HTML 5Page - Texas Instruments TPS54428 Datasheet HTML 6Page - Texas Instruments TPS54428 Datasheet HTML 7Page - Texas Instruments TPS54428 Datasheet HTML 8Page - Texas Instruments TPS54428 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS54428DDA
Vout(50mV/div)
Iout(2A/div)
100us/div
.
TPS54428
www.ti.com
SLVSB42A
– NOVEMBER 2011 – REVISED JANUARY 2012
4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT
™ Converter with Eco-Mode™
Check for Samples: TPS54428
1
FEATURES
DESCRIPTION
The TPS54428 is an adaptive on-time D-CAP2
23
D-CAP2
™ Mode Enables Fast Transient
mode synchronous buck converter.
Response
The
TPS54428
enables
system
designers
to
Low Output Ripple and Allows Ceramic Output
complete the suite of various end-equipment power
Capacitor
bus regulators with a cost effective, low component
Wide VIN Input Voltage Range: 4.5 V to 18 V
count, low standby current solution.
Output Voltage Range: 0.76 V to 7.0 V
The main control loop for the TPS54428 uses the
Highly Efficient Integrated FETs Optimized
D-CAP2
™ mode control that provides a fast transient
for Lower Duty Cycle Applications
response
with
no
external
compensation
– 70 mΩ (High Side) and 53 mΩ (Low Side)
components.
High Efficiency, Less Than 10
μA at Shutdown
The adaptive on-time control supports seamless
High Initial Bandgap Reference Accuracy
transition
between
PWM
mode
at
higher
load
conditions and Eco-mode
™ operation at light loads.
Adjustable Soft Start
Pre-Biased Soft Start
Eco-mode
™ allows the TPS54428 to maintain high
efficiency during lighter load conditions.
650-kHz Switching Frequency (fSW)
Cycle By Cycle Over Current Limit
The TPS54428 also has a proprietary circuit that
enables the device to adopt to both low equivalent
Auto-Skip Eco-mode
™ for High Efficiency at
series resistance (ESR) output capacitors, such as
Light Load
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18 V
APPLICATIONS
VIN input.
Wide Range of Applications for Low Voltage
The output voltage can be programmed between
System
0.76 V and 7.0 V.
– Digital TV Power Supply
The device also features an adjustable soft start time.
– High Definition Blu-ray Disc™ Players
The TPS54428 is available in the 8-pin DDA
– Networking Home Terminal
package,and designed to operate from
–40°C to
– Digital Set Top Box (STB)
85
°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428DDA TI1-TPS54428DDA Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DDAR TI1-TPS54428DDAR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DRCR TI1-TPS54428DRCR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DRCT TI1-TPS54428DRCT Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
More results

Similar Description - TPS54428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com