Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54395PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54395PWPR
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54395PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54395PWPR Datasheet HTML 1Page - Texas Instruments TPS54395PWPR Datasheet HTML 2Page - Texas Instruments TPS54395PWPR Datasheet HTML 3Page - Texas Instruments TPS54395PWPR Datasheet HTML 4Page - Texas Instruments TPS54395PWPR Datasheet HTML 5Page - Texas Instruments TPS54395PWPR Datasheet HTML 6Page - Texas Instruments TPS54395PWPR Datasheet HTML 7Page - Texas Instruments TPS54395PWPR Datasheet HTML 8Page - Texas Instruments TPS54395PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Input Voltage
PGND
PGND
C5
SW1
VIN1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW2
SS1
5
1
3
SS2
9
10
11
PGND2
2
4
7
13
12
TPS54395
HTSSOP16
14
8
15
16
PGND
SGND
SGND
C11
VO1
C21
R11
R21
L11
C31
C32
L12
C12
VO2
C22
R12
R22
SGND
C41
C42
SGND
Vout(50mV/div)
Iout(2A/div)
100 s/div
m
TPS54395
www.ti.com
SLVSBC8 – JUNE 2012
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT™)
Check for Samples: TPS54395
1
FEATURES
APPLICATIONS
2
D-CAP2™ Control Mode
Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
Fast Transient Response
Digital TV Power Supply
No External Parts Required For Loop
Compensation
Networking Home Terminal
Compatible with Ceramic Output
Digital Set Top Box (STB)
Capacitors
DVD Player/Recorder
Wide Input Voltage Range : 4.5 V to 18 V
Gaming Consoles and Other
Output Voltage Range : 0.76V to 7.0V
DESCRIPTION
Highly Efficient Integrated FETs Optimized for
The TPS54395 is a dual, adaptive on-time D-CAP2™
Low Duty Cycle Applications
mode synchronous buck converter. The TPS54395
90 m
Ω (High Side) and 60 mΩ (Low Side)
enables system designers to complete the suite of
High Initial Reference Accuracy
various end equipment’s power bus regulators with a
cost effective, low component count, and low standby
Supports Constant 3A at Both Channels
current solution. The main control loops of the
Low-Side rDS(on) Loss-Less Current Sensing
TPS54395 use the D-CAP2™ mode control which
Adjustabel Soft Start
provides a very fast transient response with no
Non-Sinking Pre-Biased Soft Start
external compensation components. The adaptive on-
time control supports seamless transition between
700 kHz Switching Frequency
PWM mode at higher load conditions and Eco-
Cycle-by-Cycle Over-Current Limit Control
mode™ operation at light loads. Eco-mode™ allows
OCL/UVLO/TSD Protections
the TPS54395 to maintain high efficiency during
lighter load conditions. The TPS54395 is able to
Hiccup Timer for Overload Protection
adapt to both low equivalent series resistance (ESR)
Adaptive Gate Drivers with Integrated Boost
output capacitors such as POSCAP or SP-CAP, and
PMOS Switch
ultra-low
ESR,
ceramic
capacitors.
The
device
OCP Constant Due To Thermally Compensated
provides convenient and efficient operation with input
rDS(on) with 4000ppm/℃
voltages from 4.5V to 18V.
16-Pin HTSSOP
The TPS54395 is available in a 4.4mm×5.0mm 16 pin
TSSOP (PWP) package, and is specified for an
Auto-Skip Eco-mode™
 
 for High Efficiency at
ambient temperature range from –40°C to 85°C.
Light Load
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, D-CAP2, Eco-mode, Eco-Mode are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54395PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54395PWPR TI1-TPS54395PWPR Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54395PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54295 TI1-TPS54295 Datasheet
922Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com