Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54329EDDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54329EDDA
Description  4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54329EDDA Datasheet(HTML) 2 Page - Texas Instruments

  TPS54329EDDA Datasheet HTML 1Page - Texas Instruments TPS54329EDDA Datasheet HTML 2Page - Texas Instruments TPS54329EDDA Datasheet HTML 3Page - Texas Instruments TPS54329EDDA Datasheet HTML 4Page - Texas Instruments TPS54329EDDA Datasheet HTML 5Page - Texas Instruments TPS54329EDDA Datasheet HTML 6Page - Texas Instruments TPS54329EDDA Datasheet HTML 7Page - Texas Instruments TPS54329EDDA Datasheet HTML 8Page - Texas Instruments TPS54329EDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS54329E
SLVSAZ5A – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE(2) (3)
ORDERABLE PART NUMBER
PIN
MEDIA
TPS54329EDDA
Tube
–40°C to 85°C
DDA
8
TPS54329EDDAR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
20
VBST
–0.3
26
VBST (10 ns transient)
–0.3
28
Input voltage range
VBST (vs SW)
–0.3
6.5
V
VFB, SS
–0.3
6.5
SW
–2
20
SW (10 ns transient)
–3
22
VREG5
–0.3
6.5
Output voltage range
V
GND
–0.3
0.3
Voltage from GND to thermal pad, Vdiff
–0.2
0.2
V
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54329E
THERMAL METRIC(1)
UNITS
DDA (8 PINS)
θJA
Junction-to-ambient thermal resistance
42.1
θJCtop
Junction-to-case (top) thermal resistance
50.9
θJB
Junction-to-board thermal resistance
31.8
°C/W
ψJT
Junction-to-top characterization parameter
5
ψJB
Junction-to-board characterization parameter
13.5
θJCbot
Junction-to-case (bottom) thermal resistance
7.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54329E


Similar Part No. - TPS54329EDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
More results

Similar Description - TPS54329EDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com