Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-700SDZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-700SDZ
Description  10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-700SDZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-700SDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-700SDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Receiver Section
ThereceiversectionincludestheReceiverOpticalSub-
Assembly(ROSA)andtheamplification/quantizationcir-
cuitry.TheROSA,containingaPINphotodiodeandcus-
tomtransimpedanceamplifier,islocatedattheoptical
interfaceandmateswiththeLCopticalconnector.The
ROSAoutputisfedtoacustomICthatprovidespost-
amplificationandquantization.
Receiver Loss of Signal (Rx_LOS)
The post-amp IC also includes transition detection cir-
cuitrywhichmonitorstheAClevelofincomingoptical
signals and provides a LVTTL/CMOS compatible status
signaltothehost.Ahighstatussignalindicateslossof
modulatedsignal,indicatinglinkfailuressuchasbroken
fiberorfailedtransmitter.Rx_LOScanalsobemonitored
viathetwo-wireserialinterface(addressA2h,byte110,
bit1).
Functional Data I/O
TheAFBR-700SDZinterfaceswiththehostcircuitboard
through the twenty contact SFP+ electrical connector.
SeeTable2forcontactdescriptions.Themoduleedge
connectorisshowninFigure4.Thehostboardlayoutfor
thisinterfaceisdepictedinFigure8.
The AFBR-700SDZ high speed transmit and receive in-
terfacesrequireSFF-8431compliantsignallinesonthe
hostboard.Tosimplifyboardrequirements,biasingre-
sistorsandACcouplingcapacitorsareincorporatedinto
theSFP+transceivermodule(perSFF-8431)andhence
are not required on the host board. The TX_DISABLE,
TX_FAULTandRX_LOSsignalsrequireLVTTLsignalson
thehostboard(perSFF-8431)ifused.Ifanapplication
doesnottakeadvantageofthesefunctions,caremust
betakentogroundTX_DISABLEtoenablenormalop-
eration.
Figure 2 depicts the recommended interface circuit to
linktheAFBR-700SDZtosupportingphysicallayerICs.
Timing for the dedicated SFP+ control signals imple-
mentedinthetransceiverarelistedinFigure6.
Application Support
AnEvaluationKitandReferenceDesignsareavailableto
assistinevaluationoftheAFBR-700SDZ.Pleasecontact
yourlocalFieldSalesrepresentativeforavailabilityand
orderingdetails.
Caution
There are no user serviceable parts nor maintenance
requirementsfortheAFBR-700SDZ.Allmechanicalad-
justments are made at the factory prior to shipment.
Tamperingwith,modifying,misusingorimproperlyhan-
dlingtheAFBR-700SDZwillvoidtheproductwarranty.It
mayalsoresultinimproperoperationandpossiblyover-
stressthelasersource.Performancedegradationorde-
vicefailuremayresult.ConnectionoftheAFBR-700SDZ
to a light source not compliant with IEEE Std. 802.3ae
Clause52andSFF-8341specifications,operatingabove
maximumoperatingconditionsorinamannerinconsis-
tentwithit’sdesignandfunctionmayresultinexposure
tohazardouslightradiationandmayconstituteanact
ofmodifyingormanufacturingalaserproduct.Persons
performingsuchanactarerequiredbylawtorecertify
andre-identifythelaserproductundertheprovisionsof
U.S.21CFR(SubchapterJ)andTUV.
Customer Manufacturing Processes
Thismoduleispluggableandisnotdesignedforaque-
ouswash,IRreflow,orwavesolderingprocesses.
Ordering Information
Pleasecontactyourlocalfieldsalesengineeroroneof
AvagoTechnologiesfranchiseddistributorsforordering
information.Fortechnicalinformation,pleasevisitAva-
goTechnologies’WEBpageatwww.avagotech.comFor
information related to SFF Committee documentation
visitwww.sffcommittee.org.


Similar Part No. - AFBR-700SDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
ATGBICS by Approved Tec...
AFBR-700SDZ-C ATGBICS-AFBR-700SDZ-C Datasheet
375Kb / 10P
   AFBR-700SDZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - AFBR-700SDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709SMZ AVAGO-AFBR-709SMZ Datasheet
492Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-709ASMZ AVAGO-AFBR-709ASMZ Datasheet
493Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
logo
Broadcom Corporation.
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SNZ AVAGO-AFBR-703SNZ Datasheet
485Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
   10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com