Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ4B Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBJ4B
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBJ4B Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBJ4B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBJ4B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25± 0.3
φ 3.2±
0.15
1.1± 0.2
7.5± 0.2
3.7± 0.2
4.7± 0.2
2.8± 0.2
0.7± 0.1
1.2± 0.2
Rating to 1000V PRV
Surge overload rating to 150 Am peres peak
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique res ults in inexpens ive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
KBJ
4D
KBJ
4G
KBJ
4J
KBJ
4K
KBJ
4M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=100
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 2.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per element
CJ
pF
Typical thermal resistance
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
KBJ
4A
KBJ
4B
50
100
1.0
2.Dev ice mounted on 300mm X 300mm X 1.6mm cu Plate heatsink.
1.0
A
IF(AV)
4.0
A
15
0.0
IFSM
KBJ4
100
70
VOLT AGE RANGE: 50 --- 1000 V
CURRENT :
4.0 A
35
50
Lead s olderable per MIL-STD-202 m ethod 208
Polarity:Sym bols m olded on body
Mounting pos ition: Any
Weight:0.16 ounces, 4.45 grams
NOTES:1.Measured at 1.0MH
Z and applied rev ers e v oltage of 4.0V DC
- 55 ---- + 150
- 55 ---- + 150
IR
45
2.2
10.0
Dimensions in millimeters
KBJ4A-KBJ4M
Silicon Bridge Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBJ4B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4B WTE-KBJ4B Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
KBJ4B FS-KBJ4B Datasheet
233Kb / 2P
   High surge current capability
logo
Dc Components
KBJ4B DCCOM-KBJ4B Datasheet
418Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4B DAESAN-KBJ4B Datasheet
240Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4B BILIN-KBJ4B Datasheet
137Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ4B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com