Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL706CEH Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL706CEH
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL706CEH Datasheet(HTML) 1 Page - Intersil Corporation

  ISL706CEH Datasheet HTML 1Page - Intersil Corporation ISL706CEH Datasheet HTML 2Page - Intersil Corporation ISL706CEH Datasheet HTML 3Page - Intersil Corporation ISL706CEH Datasheet HTML 4Page - Intersil Corporation ISL706CEH Datasheet HTML 5Page - Intersil Corporation ISL706CEH Datasheet HTML 6Page - Intersil Corporation ISL706CEH Datasheet HTML 7Page - Intersil Corporation ISL706CEH Datasheet HTML 8Page - Intersil Corporation ISL706CEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Rad-Hard, 5.0V/3.3V µ-Processor Supervisory Circuits
ISL705AEH, ISL705BEH, ISL705CEH, ISL706AEH, ISL706BEH, ISL706CEH
This family of devices are radiation hardened 5.0V/3.3V
supervisory circuits that reduce the complexity required to
monitor supply voltages in microprocessor systems. These
devices significantly improve accuracy and reliability relative to
discrete solutions. Each IC provides four key functions.
1. A reset output during power-up, power-down, and brownout
conditions.
2. An independent watchdog output that goes low if the
watchdog input has not been toggled within 1.6s.
3. A precision threshold detector for monitoring a power
supply other than VDD.
4. An active-low manual-reset input.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed in the “Ordering Information” table on page 3
must be used when ordering.
Detailed Electrical Specifications for the ISL705AEH,
ISL705BEH, ISL705CEH, ISL706AEH, ISL706BEH and
ISL706CEH are contained in SMD 5962-11213. A “hot-link” is
also provided on our website for downloading.
Applications
• Supervisor for µ-Processors, µ-Controllers, FPGAs and DSPs
• Critical Power Supply Monitoring
• Reliable Replacement of Discrete Solutions
Features
• Electrically Screened to SMD 5962-11213
• QML Qualified per MIL-PRF-38535 Requirements
•Radiation Hardness
- High Dose Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 100krad(Si)
- Low Dose Rate . . . . . . . . . . . . . . . . . . . 100krad(Si) (Note 1)
- SEL/SEB LETTH. . . . . . . . . . . . . . . . . . . . 86MeV * cm2/mg
• Precision Supply Voltage Monitor
- 4.65V Threshold in the ISL705AEH/BEH/CEH
- 3.08V Threshold in the ISL706AEH/BEH/CEH
• 200ms (Typ) Reset Pulse Width
- Active High, Active Low and Open Drain Options
• Independent Watchdog Timer with 1.6s (Typ) Timeout
• Precision Threshold Detector
- 1.25V Threshold in the ISL705AEH/BEH/CEH
- 0.6V Threshold in the ISL706AEH/BEH/CEH
• Debounced TTL/CMOS Compatible Manual-Reset Input
• Reset Output Valid at VDD = 1.2V
Related Literature
• AN1650, “ISL705XRH Evaluation Board User’s Guide”
• AN1671, “ISL706xRH Evaluation Board User’s Guide”
• AN1651, “Single Event Effects (SEE) Testing of the
ISL705xRH/EH and ISL706xRH/EH Rad Hard Supervisory
Circuits”
NOTE:
1. Product capability established by initial characterization. The EH version is acceptance tested on a wafer by wafer basis to 50krad(Si) at low dose rate.
1
2
3
4
8
7
6
5
MR
VDD
GND
PFI
WDO
RST
WDI
PFO
µP
165k
49.9k
ISL705AEH
5V SUPERVISOR APPLICATION WITH OVERVOLTAGE PROTECTION
NMI
RST
I/O
VCC
5V POWER SUPPLY
FIGURE 1. TYPICAL APPLICATION
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
150
FIGURE 2. PRECISION THRESHOLD DETECTOR LOW DOSE
IONIZING CHARACTERISTIC CURVE
krad (Si)
ISL705xEH
ISL706xEH
March 30, 2012
FN8262.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL706CEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL706CEH INTERSIL-ISL706CEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
More results

Similar Description - ISL706CEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705ARH INTERSIL-ISL705ARH Datasheet
1Mb / 15P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com