Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF160-70-4I-EK Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST39LF160-70-4I-EK
Description  16 Mbit (x16) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF160-70-4I-EK Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST39LF160-70-4I-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF160-70-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Data Sheet
16 Mbit Multi-Purpose Flash
SST39LF160 / SST39VF160
©2001 Silicon Storage Technology, Inc.
S71145-02-000
6/01
399
The SST39LF/VF160 also have the Auto Low Power
mode which puts the device in a near standby mode after
data has been accessed with a valid Read operation. This
reduces the IDD active read current from typically 15 mA to
typically 4 µA. The Auto Low Power mode reduces the typi-
cal IDD active read current to the range of 1 mA/MHz of
read cycle time. The device exits the Auto Low Power
mode with any address transition or control signal transition
used to initiate another Read cycle, with no access time
penalty. Note that the device does not enter Auto Low
Power mode after power-up with CE# held steadily low until
the first address transition or CE# is driven high.
Read
The Read operation of the SST39LF/VF160 is controlled
by CE# and OE#, both have to be low for the system to
obtain data from the outputs. CE# is used for device selec-
tion. When CE# is high, the chip is deselected and only
standby power is consumed. OE# is the output control and
is used to gate data from the output pins. The data bus is in
high impedance state when either CE# or OE# is high.
Refer to the Read cycle timing diagram for further details
(Figure 2).
Word-Program Operation
The SST39LF/VF160 are programmed on a word-by-word
basis. Before programming, one must ensure that the sec-
tor, in which the word which is being programmed exists, is
fully erased. The Program operation consists of three
steps. The first step is the three-byte load sequence for
Software Data Protection. The second step is to load word
address and word data. During the Word-Program opera-
tion, the addresses are latched on the falling edge of either
CE# or WE#, whichever occurs last. The data is latched on
the rising edge of either CE# or WE#, whichever occurs
first. The third step is the internal Program operation which
is initiated after the rising edge of the fourth WE# or CE#,
whichever occurs first. The Program operation, once initi-
ated, will be completed within 20 µs. See Figures 3 and 4
for WE# and CE# controlled Program operation timing dia-
grams and Figure 15 for flowcharts. During the Program
operation, the only valid reads are Data# Polling and Tog-
gle Bit. During the internal Program operation, the host is
free to perform additional tasks. Any commands issued
during the internal Program operation are ignored.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system
to erase the device on a sector-by-sector (or block-by-
block) basis. The SST39LF/VF160 offer both Sector-Erase
and Block-Erase mode. The sector architecture is based
on uniform sector size of 2 KWord. The Block-Erase mode
is based on uniform block size of 32 KWord. The Sector-
Erase operation is initiated by executing a six-byte com-
mand sequence with Sector-Erase command (30H) and
sector address (SA) in the last bus cycle. The Block-Erase
operation is initiated by executing a six-byte command
sequence with Block-Erase command (50H) and block
address (BA) in the last bus cycle. The sector or block
address is latched on the falling edge of the sixth WE#
pulse, while the command (30H or 50H) is latched on the
rising edge of the sixth WE# pulse. The internal Erase
operation begins after the sixth WE# pulse. The End-of-
Erase operation can be determined using either Data#
Polling or Toggle Bit methods. See Figures 8 and 9 for tim-
ing waveforms. Any commands issued during the Sector-
or Block-Erase operation are ignored.
Chip-Erase Operation
The SST39LF/VF160 provide a Chip-Erase operation,
which allows the user to erase the entire memory array to
the “1” state. This is useful when the entire device must be
quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 5555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
CE#, whichever occurs first. During the Erase operation,
the only valid read is Toggle Bit or Data# Polling. See Table
4 for the command sequence, Figure 7 for timing diagram,
and Figure 18 for the flowchart. Any commands issued dur-
ing the Chip-Erase operation are ignored.
Write Operation Status Detection
The SST39LF/VF160 provide two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system write cycle time. The soft-
ware detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The End-of-Write detection
mode is enabled after the rising edge of WE#, which ini-
tiates the internal Program or Erase operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.


Similar Part No. - SST39LF160-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF100 SST-SST39LF100 Datasheet
262Kb / 22P
   1 Mbit (64K x16) Multi-Purpose Flash
SST39LF100-45-4C-B3I SST-SST39LF100-45-4C-B3I Datasheet
262Kb / 22P
   1 Mbit (64K x16) Multi-Purpose Flash
SST39LF100-45-4C-B3K SST-SST39LF100-45-4C-B3K Datasheet
262Kb / 22P
   1 Mbit (64K x16) Multi-Purpose Flash
SST39LF100-45-4C-WI SST-SST39LF100-45-4C-WI Datasheet
262Kb / 22P
   1 Mbit (64K x16) Multi-Purpose Flash
SST39LF100-45-4C-WK SST-SST39LF100-45-4C-WK Datasheet
262Kb / 22P
   1 Mbit (64K x16) Multi-Purpose Flash
More results

Similar Description - SST39LF160-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com