Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF802-90-4E-EK Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST32HF802-90-4E-EK
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF802-90-4E-EK Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST32HF802-90-4E-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 13Page - Silicon Storage Technology, Inc SST32HF802-90-4E-EK Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
AC CHARACTERISTICS
TABLE
9: SRAM READ CYCLE TIMING PARAMETERS
Symbol
Parameter
SST32HF802/162/164-70
SST32HF802/162/164-90
Units
Min
Max
Min
Max
TRCS
Read Cycle Time
70
90
ns
TAAS
Address Access Time
70
90
ns
TBES
Bank Enable Access Time
70
90
ns
TOES
Output Enable Access Time
35
45
ns
TBYES
UBS#, LBS# Access Time
70
90
ns
TBLZS1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
BES# to Active Output
0
0
ns
TOLZS1
Output Enable to Active Output
0
0
ns
TBYLZS1
UBS#, LBS# to Active Output
0
0
ns
TBHZS1
BES# to High-Z Output
25
35
ns
TOHZS1
Output Disable to High-Z Output
0
25
0
35
ns
TBYHZS1
UBS#, LBS# to High-Z Output
35
45
ns
TOHS
Output Hold from Address Change
10
10
ns
T9.1 520
TABLE 10: SRAM WRITE CYCLE TIMING PARAMETERS
Symbol
Parameter
SST32HF802/162/164-70
SST32HF802/162/164-90
Units
Min
Max
Min
Max
TWCS
Write Cycle Time
70
90
ns
TBWS
Bank Enable to End-of-Write
60
80
ns
TAWS
Address Valid to End-of-Write
60
80
ns
TASTS
Address Set-up Time
0
0
ns
TWPS
Write Pulse Width
60
80
ns
TWRS
Write Recovery Time
0
0
ns
TBYWS
UBS#, LBS# to End-of-Write
60
80
ns
TODWS
Output Disable from WE# Low
30
40
ns
TOEWS
Output Enable from WE# High
0
0
ns
TDSS
Data Set-up Time
30
40
ns
TDHS
Data Hold from Write Time
0
0
ns
T10.1 520


Similar Part No. - SST32HF802-90-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802-70-4C-L3K SST-SST32HF802-70-4C-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4C-L3KE SST-SST32HF802-70-4C-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4C-LBK SST-SST32HF802-70-4C-LBK Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4C-LBKE SST-SST32HF802-70-4C-LBKE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4E-L3K SST-SST32HF802-70-4E-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF802-90-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com