Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8200AMIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8200AMIRZ
Description  Complete Current Share 10A DC/DC Power Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8200AMIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8200AMIRZ Datasheet HTML 1Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 2Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 3Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 4Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 5Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 6Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 7Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 8Page - Intersil Corporation ISL8200AMIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Complete Current Share 10A DC/DC Power Module
ISL8200AM
The ISL8200AM is a simple and easy to use high power,
current-sharing DC/DC power module for Datacom/Telecom/
FPGA power hungry applications. All that is needed is the
ISL8200AM, a few passive components and one VOUT setting
resistor to have a complete 10A design ready for market.
The ease of use virtually eliminates the design and
manufacturing risks while dramatically improving time to
market.
Need more output current? Parallel up to six ISL8200AM
modules to scale up to a 60A solution (see Figure 6 on
page 10).
The simplicity of the ISL8200AM is in its "Off The Shelf",
unassisted implementation versus a discrete implementation.
Patented current sharing in multi-phase operation greatly
reduces ripple currents, BOM cost and complexity. For
example, parallel 2 for 20A and up to 6 for 60A. The output
voltage can be precisely regulated to as low as 0.6V with ±1%
output voltage regulation over line, load, and temperature
variations.
The ISL8200AM’s thermally enhanced, compact QFN package,
operates at full load and over-temperature, without requiring
forced air cooling. It's so thin it can even fit on the back side of
the PCB. Easy access to all pins with few external components,
reduces the PCB design to a component layer and a simple
ground layer.
Features
• Complete Switch Mode Power Supply in One Package
• Patented Current Share Architecture Reduces Layout
Sensitivity when Modules are Paralleled
• Programmable Phase Shift (1 to 6 Phase)
• Extremely Low Profile (2.2mm Height)
• Input Voltage Range +3.0V to +20V at 10A, Current Share
up to 60A
• A Single Resistor Sets VOUT from +0.6V to +6V
• Output Overvoltage, Overcurrent and Over-Temperature
Protection and Undervoltage Indication
• RoHS Compliant
Applications
• Servers, Telecom and Datacom Applications
• Industrial and Medical Equipment
• Point of Load Regulation
Related Literature
• AN1738 “ISL8200AMEVAL1PHZ Evaluation Board User’s
Guide”
• iSim Model - (See respective Device Information page at
www.intersil.com)
Complete Functional Schematic
FIGURE 1. COMPLETE 10A DESIGN, JUST SELECT RSET FOR
THE DESIRED VOUT
ISL8200AM Package
FIGURE 2. THE 2.2mm HEIGHT IS IDEAL FOR THE BACKSIDE
OF PCBS WHEN SPACE AND HEIGHT IS A PREMIUM
VIN RANGE
3V TO 20V
VOUT RANGE
0.6V TO 6.0V
RSET
5k
Ω
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AM
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
10
μF
15
mm
15
m
m
2.2mm
September 13, 2012
FN8271.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8200AMIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8200AMIRZ RENESAS-ISL8200AMIRZ Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
ISL8200AMIRZ-T RENESAS-ISL8200AMIRZ-T Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
More results

Similar Description - ISL8200AMIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
June 3, 2015
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Supply
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
   Complete High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com