Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1220201VXC Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962R1220201VXC
Description  Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1220201VXC Datasheet(HTML) 4 Page - Intersil Corporation

  5962R1220201VXC Datasheet HTML 1Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 2Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 3Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 4Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 5Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 6Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 7Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 8Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL70002SEH
4
FN8264.1
April 5, 2012
3, 5, 7
ISHREFA/B/C
If configured as a current share Master (ISHSL = DGND, ISHEN = DVDD), the ISHREFA/B/C pins provide a
reference output current equal to 100uA each. If configured as a current share Slave (ISHSL = DVDD,
ISHEN = DVDD), the ISHREFA/B/C pins accept a reference input current. For a current share Slave, this input
current is used together with the ISHA/B/C current to determine the Master’s redundant A/B/C error amp
output current. If using current share, tie ISHREFA/B/C of the MASTER to ISHREFA/B/C of the Slave. If not using
current share, tie ISHREFA/B/C to DVDD. The purpose of the reference current is to reduce the impact of
external noise coupling onto ISHA/B/C. ISHREFA/B/C are tri-stated prior to a valid POR
and when ISHEN = DGND.
8
AVDD
This pin is the bias supply input to the internal analog control circuitry. Locally filter this pin to AGND using a 1
Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC. AVDD should
be the same voltage as DVDD and PVINx (±200mV).
9
AGND
This pin is the analog ground associated with the internal analog control circuitry. Connect this pin directly to
the PCB ground plane.
10
DGND
This pin is the digital ground associated with the internal digital control circuitry. Connect this pin directly to the
PCB ground plane.
11
DVDD
This pin is the bias supply input to the internal digital control circuitry. Locally filter this pin to DGND using a 1
Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC. DVDD should
be the same voltage as AVDD and PVINx (±200mV).
12
SS
This pin is the soft-start input. Connect a ceramic capacitor from this pin to DGND to set the soft-start output
ramp time in accordance with Equation 2:
Where:
tSS = Soft-start output ramp time
CSS = Soft-start capacitor
VREF = Reference voltage (0.6V typical)
ISS = Soft-start charging current (23µA typical)
Soft-start time is adjustable from approximately 2ms to 200ms.
The range of the soft-start capacitor should be 82nF to 8.2µF, inclusive.
If using current share, CSS of the Slave should be at least twice the CSS of the Master.
13
PGOOD
This pin is the power-good output. This pin is an open drain logic output that is pulled to DGND when the output
voltage is outside a ±11% typical regulation window. This pin can be pulled up to any voltage from 0V to 5.5V,
independent of the supply voltage. A nominal 1k
Ω to 10kΩ pull-up resistor is recommended. Bypass this pin
to DGND with a 10nF ceramic capacitor to mitigate SEE. If using current share, tie PGOOD of the Master to
PGOOD of the Slave.
14
ISHCOM
ISHCOM is a bidirectional communication line between a current share Master and a current share Slave. If
using current share, tie ISHCOM of the Master to ISHCOM of the Slave. The Master enables the Slave by
resistively (~ 8.5k
Ω) pulling ISHCOM high. The Slave indicates an over-current fault condition to the Master by
pulling ISHCOM low. To mitigate SET, connect a 47pF ceramic capacitor from ISHCOM to the PCB ground plane.
If not using current share this pin should be floated or connected to the PCB ground plane. ISHCOM is tri-stated
if ISHEN is low.
15
ISHSL
This pin is a logic input that is used to configure the IC as a current share Master or Slave. Tie this pin to DVDD
to configure the IC as a current share Slave. Tie this pin to the PCB ground plane to configure the IC as a current
share Master, or if the current share feature is not being used.
16
ISHEN
This pin is an input that enables/disables the current share feature. To enable the current share feature, tie this
pin to DVDD. To disable the current share feature, tie this pin to the PCB ground plane.
17
PORSEL
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
18
TDO
This pin is the test data output of the internal BIT circuitry. Connect this pin to the PCB ground plane.
19
TDI
This pin is the test data input of the internal BIT circuitry. Connect this pin to the PCB ground plane.
20
TPGM
This pin is a trim input and is used to adjust various internal circuitry. Connect this pin to the PCB ground plane.
21
GND
This pin is connected to an internal metal die trace that serves as a sensitive node noise shield. Connect this
pin to the PCB ground plane.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
t
SS
C
SS VREF
I
SS
=
(EQ. 2)


Similar Part No. - 5962R1220201VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R1220201VXC RENESAS-5962R1220201VXC Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
More results

Similar Description - 5962R1220201VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Anaren Microwave
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com