Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA214P25 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISLA214P25
Description  High Performance 14-Bit, 125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P25 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISLA214P25 Datasheet HTML 7Page - Intersil Corporation ISLA214P25 Datasheet HTML 8Page - Intersil Corporation ISLA214P25 Datasheet HTML 9Page - Intersil Corporation ISLA214P25 Datasheet HTML 10Page - Intersil Corporation ISLA214P25 Datasheet HTML 11Page - Intersil Corporation ISLA214P25 Datasheet HTML 12Page - Intersil Corporation ISLA214P25 Datasheet HTML 13Page - Intersil Corporation ISLA214P25 Datasheet HTML 14Page - Intersil Corporation ISLA214P25 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISLA214P12
11
FN7982.2
June 27, 2012
LVDS OUTPUTS
Differential Output Voltage (Note 11)
VT
3mA Mode
612
mVP-P
Output Offset Voltage
VOS
3mA Mode
1120
1150
1200
mV
Output Rise Time
tR
240
ps
Output Fall Time
tF
240
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3 OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
NOTES:
10. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD
depending on desired function.
11. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
Timing Diagrams
FIGURE 1A. LVDS DDR
CLKN
CLKP
INP
INN
tA
CLKOUTN
CLKOUTP
tCPD
D[12/10/8/6/4/2/0]N
D[12/10/8/6/4/2/0]P
LATENCY = L CYCLES
tDC
tPD
ODD
N-L
EVEN
N-L
ODD
N-L+1
EVEN
N-L+1
EVEN
N-1
ODD
N
EVEN
N


Similar Part No. - ISLA214P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P25 RENESAS-ISLA214P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISLA214P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com