Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA224S25 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISLA224S25
Description  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S25 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISLA224S25 Datasheet HTML 6Page - Intersil Corporation ISLA224S25 Datasheet HTML 7Page - Intersil Corporation ISLA224S25 Datasheet HTML 8Page - Intersil Corporation ISLA224S25 Datasheet HTML 9Page - Intersil Corporation ISLA224S25 Datasheet HTML 10Page - Intersil Corporation ISLA224S25 Datasheet HTML 11Page - Intersil Corporation ISLA224S25 Datasheet HTML 12Page - Intersil Corporation ISLA224S25 Datasheet HTML 13Page - Intersil Corporation ISLA224S25 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ISLA224S
10
FN7911.1
May 7, 2012
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -2dBFS,
fIN = 105MHz, fSAMPLE = 250MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
FIGURE 5. SNR AND SFDR vs AIN (250MSPS)
FIGURE 6. HD2 AND HD3 vs AIN (250MSPS)
FIGURE 7. SNR AND SFDR vs fSAMPLE
FIGURE 8. HD2 AND HD3 vs fSAMPLE
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
SFDR AT 200 MSPS
SFDR AT 250 MSPS
SFDR AT 125 MSPS
SNR AT 250 MSPS
SNR AT 200 MSPS
SNR AT 125 MSPS
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
HD2 AT 200 MSPS
HD2 AT 250 MSPS
HD2 AT 125 MSPS
HD3 AT 250 MSPS
HD3 AT 200 MSPS
HD3 AT 125 MSPS
0
10
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-100
-80
-60
-40
-20
0
-60-50
-40-30
-20-10
0
INPUT AMPLITUDE (dBFS)
HD2 (dBc)
HD3 (dBFS)
HD2 (dBFS)
HD3 (dBc)
60
65
70
75
80
85
90
50
100
150
200
250
300
SAMPLE RATE (MSPS)
SFDR
SNR
-100
-95
-90
-85
-80
-75
50
100
150
200
250
300
SAMPLE RATE (MSPS)
HD2
HD3


Similar Part No. - ISLA224S25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S25 INTERSIL-ISLA224S25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224S25 RENESAS-ISLA224S25 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S25 RENESAS-ISLA224S25 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA224S25IR1Z RENESAS-ISLA224S25IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA224S25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com