Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32453E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL32453E
Description  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32453E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL32453E Datasheet HTML 1Page - Intersil Corporation ISL32453E Datasheet HTML 2Page - Intersil Corporation ISL32453E Datasheet HTML 3Page - Intersil Corporation ISL32453E Datasheet HTML 4Page - Intersil Corporation ISL32453E Datasheet HTML 5Page - Intersil Corporation ISL32453E Datasheet HTML 6Page - Intersil Corporation ISL32453E Datasheet HTML 7Page - Intersil Corporation ISL32453E Datasheet HTML 8Page - Intersil Corporation ISL32453E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
±60V Fault Protected, 3.3V to 5V, ±20V Common Mode
Range, RS-485/RS-422 Transceivers with Cable Invert
and ±15kV ESD
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
The ISL32450E through ISL32457E are 3.3V to 5V powered, fault
protected, extended common mode range differential transceivers
for balanced communication. The RS-485 bus pins (driver outputs
and receiver inputs) are protected against overvoltages up to
±60V, and against ±15kV ESD strikes. These transceivers operate
in environments with common mode voltages up to ±20V
(exceeds the RS-485 requirement), making this RS-485 family
one of the more robust on the market.
Transmitters are RS-485 compliant with VCC ≥ 4.5V and deliver a
1.1V differential output voltage into the RS-485 specified 54Ω
load even with VCC =3V.
Receiver (Rx) inputs feature a “Full Fail-Safe” design, which
ensures a logic-high Rx output if Rx inputs are floating, shorted, or
on a terminated but undriven (idle) bus. Rx full fail-safe operation
is maintained even when the Rx input polarity is switched (cable
invert function on ISL32457E).
The ISL32457E includes a cable invert function that reverses the
polarity of the Rx and Tx bus pins in case the cable is
misconnected during installation.
See Table 1 on page 2 for key features and configurations by
device number.
Related Literature
•See FN7784, “ISL32470E, ISL32472E, ISL32475E,
ISL32478E: Fault Protected, Extended Common Mode Range,
RS-485/RS-422 Transceivers with ±16.5kV ESD”
Features
• Fault Protected RS-485 Bus Pins . . . . . . . . . . . . . . Up to ±60V
• Extended Common Mode Range . . . . . . . . . . . . . . . . . . . ±20V
Larger Than Required for RS-485
• ±15kV HBM ESD Protection on RS-485 Bus Pins
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
• Cable Invert Pin (ISL32457E Only)
Corrects for Reversed Cable Connections While Maintaining Rx
Full Fail-safe Functionality
• 1/4 Unit Load for Up to 128 Devices on the Bus
• High Transient Overvoltage Tolerance . . . . . . . . . . . . . . . ±80V
• Full Fail-safe (Open, Short, Terminated) RS-485 Receivers
• Choice of RS-485 Data Rates . . . . . . . . . . . . 250kbps or 1Mbps
• Low Quiescent Supply Current . . . . . . . . . . . . . . . . . . . 2.1mA
Ultra Low Shutdown Supply Current . . . . . . . . . . . . . . . 10µA
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters/Automated Meter Reading Systems
• Air Conditioning Systems
•Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
FIGURE 1. EXCEPTIONAL ISL32453E RX OPERATES AT >1Mbps
EVEN WITH ±20V COMMON MODE VOLTAGE
FIGURE 2. TRANSCEIVERS DELIVER SUPERIOR COMMON MODE
RANGE vs STANDARD RS-485 DEVICES
TIME (200ns/DIV)
0
5
10
15
20
B
A
RO
VCC = 3V
VID = ±1V
2Mbps
ISL3245XE
STANDARD RS-485
TRANSCEIVER
-20
-7
0
12
20
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
February 20, 2012
FN7921.0


Similar Part No. - ISL32453E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32453E INTERSIL-ISL32453E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32453E RENESAS-ISL32453E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32453EIBZ INTERSIL-ISL32453EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32453EIBZ RENESAS-ISL32453EIBZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32453EIUZ INTERSIL-ISL32453EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Similar Description - ISL32453E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com