Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32430E Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL32430E
Description  짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32430E Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL32430E Datasheet HTML 5Page - Intersil Corporation ISL32430E Datasheet HTML 6Page - Intersil Corporation ISL32430E Datasheet HTML 7Page - Intersil Corporation ISL32430E Datasheet HTML 8Page - Intersil Corporation ISL32430E Datasheet HTML 9Page - Intersil Corporation ISL32430E Datasheet HTML 10Page - Intersil Corporation ISL32430E Datasheet HTML 11Page - Intersil Corporation ISL32430E Datasheet HTML 12Page - Intersil Corporation ISL32430E Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ISL32430E, ISL32432E, ISL32433E, ISL32435E, ISL32437E
9
FN7920.0
March 1, 2012
Receiver Skew |tPLH - tPHL|tSKD
(Figure 7)
Full
-
4
20
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 12)
Full
-
-
80
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 12)
Full
-
-
80
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
Full
-
-
80
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
Full
-
-
80
ns
Time to Shutdown
tSHDN
(Note 13)
Full
60
160
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 13, 15)
Full
-
-
2500
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 13, 15)
Full
-
-
2500
ns
NOTES:
8. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
9. Supply current specification is valid for loaded drivers when DE = 0V.
10. Applies to peak current. See “Typical Performance Curves” beginning on page 14 for more information.
11. Keep RE = 0 to prevent the device from entering SHDN (does not apply to the ISL32437E).
12. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
13. Transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed not to enter
shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low Power Shutdown Mode” on
page 13.
14. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
15. Set the RE signal high time >600ns to ensure that the device enters SHDN.
16. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
17. See “Caution” statement below the “Recommended Operating Conditions” section on page 6.
18. Does not apply to the ISL32437E. The ISL32437E has no Rx enable function, and thus no SHDN function.
Test Circuits and Waveforms
FIGURE 3A. VOD AND VOC
FIGURE 3B. VOD WITH COMMON MODE LOAD
FIGURE 3. DC DRIVER TEST CIRCUITS
Electrical Specifications Test Conditions: VCC = 3V to 3.6V and 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at the worst
case of VCC =5V or VCC =3.3V, TA = +25°C (Note 8). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VOD
375Ω
375Ω
Z
Y
VCM
VCC
RL/2
RL/2


Similar Part No. - ISL32430E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL32430EIBZ RENESAS-ISL32430EIBZ Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL32430EIUZ RENESAS-ISL32430EIUZ Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
More results

Similar Description - ISL32430E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com