Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL2671286IPZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL2671286IPZ
Description  12-Bit, 20kSPS SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2671286IPZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL2671286IPZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 9Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 10Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL2671286
7
FN7863.0
November 1, 2011
Typical Performance Characteristics At TA = +25°C, +VCC = VREF = 5V, fSAMPLE = 12.5kHz, fCLK = 16 * fSAMPLE, unless
otherwise specified.
FIGURE 6. REFERENCE CURRENT vs SAMPLE RATE
FIGURE 7. REFERENCE CURRENT vs TEMPERATURE
FIGURE 8. CHANGE IN OFFSET vs REFERENCE VOLTAGE
FIGURE 9. CHANGE IN OFFSET vs TEMPERATURE
FIGURE 10. CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
FIGURE 11. CHANGE IN GAIN vs REFERENCE VOLTAGE
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
SAMPLE RATE (kHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-55
-35
-15
5
25
45
65
85
105
TEMPERATURE (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
1
2
3
4
5
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-55
-35
-15
5
25
45
65
85
105
TEMPERATURE (°C)
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
CHANGE IN DNL (LSB)
CHANGE IN INL (LSB)
1
2
3
4
5
REFERENCE VOLTAGE (V)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1
2
3
4
5
REFERENCE VOLTAGE (V)


Similar Part No. - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IPZ INTERSIL-ISL2671286IPZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286IPZ RENESAS-ISL2671286IPZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

Similar Description - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com