Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53313RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313RGET
Description  6-A Step-Down Regulator with Integrated Switcher
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53313RGET Datasheet HTML 3Page - Texas Instruments TPS53313RGET Datasheet HTML 4Page - Texas Instruments TPS53313RGET Datasheet HTML 5Page - Texas Instruments TPS53313RGET Datasheet HTML 6Page - Texas Instruments TPS53313RGET Datasheet HTML 7Page - Texas Instruments TPS53313RGET Datasheet HTML 8Page - Texas Instruments TPS53313RGET Datasheet HTML 9Page - Texas Instruments TPS53313RGET Datasheet HTML 10Page - Texas Instruments TPS53313RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
FB
COMP
VBST
SW
TPS53313
EN
MODE/SS
AGND
PGND
UDG-11255
UV/OV
Threshold
Generation
0.6 V
+
+
+
0.6 V
SS
Enable
Control
Mode/SS
E/A
UV
OV
Control
Logic
PWM
VOUT Discharge
0.6 V–17%
+
PWM
Ramp
XCON
HDRV
LDRV
OCP Logic
0.6 V+17%
UV
OV
PG
RT/SYNC
Osc
Skip or FCCM
VIN
BP7
BP3
VIN UVLO
LDO
LDO
TPS53313
www.ti.com
SLUSAS8
– DECEMBER 2011
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS53313


Similar Part No. - TPS53313RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53313RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com