Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF201-90-4C-L3K Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST32HF201-90-4C-L3K
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF201-90-4C-L3K Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST32HF201-90-4C-L3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Preliminary Specifications
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF201 / SST32HF202 / SST32HF401 / SST32HF402
3
©2001 Silicon Storage Technology, Inc.
S71209-00-000
9/01
557
operation consists of three steps. The first step is the three-
byte load sequence for Software Data Protection. The sec-
ond step is to load word address and word data. During the
Word-Program operation, the addresses are latched on the
falling edge of either BEF# or WE#, whichever occurs last.
The data is latched on the rising edge of either BEF# or
WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of
the fourth WE# or BEF#, whichever occurs first. The Pro-
gram operation, once initiated, will be completed, within 20
µs. See Figures 6 and 7 for WE# and BEF# controlled Pro-
gram operation timing diagrams and Figure 17 for flow-
charts. During the Program operation, the only valid flash
Read operations are Data# Polling and Toggle Bit. During
the internal Program operation, the host is free to perform
additional tasks. Any SDP commands loaded during the
internal Program operation will be ignored.
Flash Sector/Block-Erase Operation
The Flash Sector/Block-Erase operation allows the system
to erase the device on a sector-by-sector (or block-by-
block) basis. The SST32HF20x/40x offer both Sector-
Erase and Block-Erase mode. The sector architecture is
based on uniform sector size of 2 KWord. The Block-Erase
mode is based on uniform block size of 32 KWord. The
Sector-Erase operation is initiated by executing a six-byte
command sequence with Sector-Erase command (30H)
and sector address (SA) in the last bus cycle. The address
lines A16-A11, for SST32HF201/202, and A17-A11, for
SST32HF401/402, are used to determine the sector
address. The Block-Erase operation is initiated by execut-
ing a six-byte command sequence with Block-Erase com-
mand (50H) and block address (BA) in the last bus cycle.
The address lines A16-A15, for SST32HF201/202, and A17-
A15, for SST32HF401/402, are used to determine the block
address. The sector or block address is latched on the fall-
ing edge of the sixth WE# pulse, while the command (30H
or 50H) is latched on the rising edge of the sixth WE#
pulse. The internal Erase operation begins after the sixth
WE# pulse. The End-of-Erase operation can be deter-
mined using either Data# Polling or Toggle Bit methods.
See Figures 11 and 12 for timing waveforms. Any com-
mands issued during the Sector- or Block-Erase operation
are ignored.
Flash Chip-Erase Operation
The SST32HF20x/40x provide a Chip-Erase operation,
which allows the user to erase the entire memory array to
the “1” state. This is useful when the entire device must be
quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 5555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
CE#, whichever occurs first. During the Erase operation,
the only valid read is Toggle Bit or Data# Polling. See Table
4 for the command sequence, Figure 9 for timing diagram,
and Figure 20 for the flowchart. Any commands issued dur-
ing the Chip-Erase operation are ignored.
Write Operation Status Detection
The SST32HF20x/40x provide two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system Write cycle time. The soft-
ware detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The End-of-Write detection
mode is enabled after the rising edge of WE#, which ini-
tiates the internal Program or Erase operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Flash Data# Polling (DQ7)
When the SST32HF20x/40x flash memory banks are in
the internal Program operation, any attempt to read DQ7
will produce the complement of the true data. Once the
Program operation is completed, DQ7 will produce true
data. Note that even though DQ7 may have valid data
immediately following the completion of an internal Write
operation, the remaining data outputs may still be invalid:
valid data on the entire data bus will appear in subsequent
successive Read cycles, after an interval of 1 µs. During
internal Erase operation, any attempt to read DQ7 will pro-
duce a ‘0’. Once the internal Erase operation is completed,
DQ7 will produce a ‘1’. The Data# Polling is valid after the
rising edge of the fourth WE# (or BEF#) pulse for Program
operation. For Sector- or Block-Erase, the Data# Polling is
valid after the rising edge of the sixth WE# (or BEF#) pulse.
See Figure 8 for Data# Polling timing diagram and Figure
18 for a flowchart.


Similar Part No. - SST32HF201-90-4C-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3K SST-SST32HF202-70-4C-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3KE SST-SST32HF202-70-4C-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3K SST-SST32HF202-70-4E-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3KE SST-SST32HF202-70-4E-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF201-90-4C-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com