Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9675503V9A Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962R9675503V9A
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9675503V9A Datasheet(HTML) 2 Page - Intersil Corporation

  5962R9675503V9A Datasheet HTML 1Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 2Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 3Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 4Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 5Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 6Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 7Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 8Page - Intersil Corporation 5962R9675503V9A Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HS-565BRH, HS-565BEH
2
FN4607.4
May 7, 2012
Pin Configurations
HS1-565BRH, HS1-565BEH
MIL-STD-1835 CDIP2-T24
(SBDIP)
TOP VIEW
HS9-565BRH, HS9-565BEH
MIL-STD-1835 CDFP4-F24
(CERAMIC FLATPACK)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
NC
NC
VCC
REF OUT
REF GND
REF IN
-VEE
BIPOLAR RIN
IDAC OUT
10V SPAN
20V SPAN
PWR GND
BIT 1 IN (MSB)
BIT 3 IN
BIT 4 IN
BIT 5 IN
BIT 6 IN
BIT 8 IN
BIT 10 IN
BIT 11 IN
BIT 12 IN (LSB)
BIT 2 IN
BIT 7 IN
BIT 9 IN
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
NC
NC
VCC
REF OUT
REF GND
REF IN
-VEE
BIPOLAR RIN
IDAC OUT
10V SPAN
20V SPAN
PWR GND
BIT 1 IN
BIT 3 IN
BIT 4 IN
BIT 5 IN
BIT 6 IN
BIT 8 IN
BIT 10 IN
BIT 11 IN
BIT 12 IN
BIT 2 IN
BIT 7 IN
BIT 9 IN
(LSB)
(MSB)
Ordering Information
ORDERING NUMBER
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
5962R9675502V9A
HS0-565BRH-Q
+25
5962R9675502VJC
HS1-565BRH-Q
Q 5962R96 75502VJC
-55 to +125
24 Ld SBDIP
D24.6
5962R9675502VXC
HS9-565BRH-Q
Q 5962R96 75502VXC
-55 to +125
24 Ld Flatpack
K24.A
HS9-565BRH/PROTO
HS9-565BRH/PROTO
HS9- 565BRH /PROTO
-55 to +125
5962R9675503V9A
HS0-565BEH-Q
+25
5962R9675503VJC
HS1-565BEH-Q
Q 5962R96 75503VJC
-55 to +125
24 Ld SBDIP
D24.6
5962R9675503VXC
HS9-565BEH-Q
Q 5962R96 75503VXC
-55 to +125
24 Ld Flatpack
K24.A
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.


Similar Part No. - 5962R9675503V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9675501V9A INTERSIL-5962R9675501V9A Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
5962R9675501VJC INTERSIL-5962R9675501VJC Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
5962R9675501VJC INTERSIL-5962R9675501VJC Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
5962R9675501VXC INTERSIL-5962R9675501VXC Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
5962R9675501VXC INTERSIL-5962R9675501VXC Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - 5962R9675503V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com