Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-565BEH Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS-565BEH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-565BEH Datasheet(HTML) 7 Page - Intersil Corporation

  HS-565BEH Datasheet HTML 1Page - Intersil Corporation HS-565BEH Datasheet HTML 2Page - Intersil Corporation HS-565BEH Datasheet HTML 3Page - Intersil Corporation HS-565BEH Datasheet HTML 4Page - Intersil Corporation HS-565BEH Datasheet HTML 5Page - Intersil Corporation HS-565BEH Datasheet HTML 6Page - Intersil Corporation HS-565BEH Datasheet HTML 7Page - Intersil Corporation HS-565BEH Datasheet HTML 8Page - Intersil Corporation HS-565BEH Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HS-565BRH, HS-565BEH
7
FN4607.4
May 7, 2012
Die Characteristics
DIE DIMENSIONS:
179 mils x 107 mils x 19 mils
INTERFACE MATERIALS:
Glassivation:
Type: AlCu
Thickness: 8k
Å ±1kÅ
Top Metallization:
Type: Al/Copper
Thickness: 16k
Å ±2kÅ
Substrate:
Bipolar DI,
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential:
Tie Substrate to VREF GND
ADDITIONAL INFORMATION:
Worst Case Current Density:
2.0 x 105 A/cm2
Transistor Count:
200
Metallization Mask Layout
HS-565BRH, HS-565BEH
VCC
(MSB)
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
(LSB)
POWER
GND
20V
SPAN
10V
SPAN
IDAC
OUT
BIPOLAR
12
-VS
VREF IN
VREF
GND
VREF OUT
3
NC
3
NC
1
A


Similar Part No. - HS-565BEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS-565BEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com