Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51219RTER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51219RTER
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51219RTER Datasheet(HTML) 5 Page - Texas Instruments

  TPS51219RTER Datasheet HTML 1Page - Texas Instruments TPS51219RTER Datasheet HTML 2Page - Texas Instruments TPS51219RTER Datasheet HTML 3Page - Texas Instruments TPS51219RTER Datasheet HTML 4Page - Texas Instruments TPS51219RTER Datasheet HTML 5Page - Texas Instruments TPS51219RTER Datasheet HTML 6Page - Texas Instruments TPS51219RTER Datasheet HTML 7Page - Texas Instruments TPS51219RTER Datasheet HTML 8Page - Texas Instruments TPS51219RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPS51219
www.ti.com
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5 = 5 V, VMODE= 0 V, VEN= 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
LOGIC THRESHOLD
IMODE
MODE source current
15.6
16.7
17.8
μA
MODE 0-1
113
143
173
MODE 1-2
253
283
313
MODE 2-3
433
458
483
VTHMODE
MODE threshold voltage
MODE 3-4
644
667
690
mV
MODE 4-5
914
949
984
MODE 5-6
1329
1369
1409
MODE 6-7
1950
2000
2050
VLL
EN low-level voltage
0.5
VLH
EN high-level voltage
1.8
V
VLHYST
EN hysteresis voltage
0.25
ILLK
EN input leakage current
–1
0
1
μA
SOFT START
tSS
Soft-start time
Internal soft-start time
1.1
ms
POWERGOOD COMPARATOR
PGOOD in from higher
106%
108%
110%
PGOOD in from lower
90%
92%
94%
VTHPG
PGOOD threshold
PGOOD out to higher
114%
116%
118%
PGOOD out to lower
82%
84%
86%
IPG
PGOOD sink current
VPGOOD = 0.5 V
3
6
mA
Delay for PGOOD in
0.8
1.0
1.2
ms
tPGDLY
PGOOD delay time
Delay for PGOOD out, with 100 mV over drive
0.25
µs
tPGCMPSS
PGOOD start-up delay
PGOOD comparator wake-up delay
2.5
ms
IPG(leak)
PGOOD leakage current
-1
0
1
µA
CURRENT DETECTION
ITRIP
TRIP source current
TA = 25°C, VTRIP = 0.4 V, RDS(on) sensing
9
10
11
μA
TRIP source current temperature
TCITRIP
(2)
RDS(on) sensing
4700
ppm/
°C
coefficient(2)
VTRIP
VTRIP voltage range
RDS(on) sensing
0.2
3
V
VTRIP = 3.0 V, RDS(on) sensing
360
375
390
VOCL
Current limit threshold
VTRIP = 1.6 V, RDS(on) sensing
190
200
210
mV
VTRIP = 0.2 V, RDS(on) sensing
20
25
30
VTRIP = 3.0 V, RDS(on) sensing
–390
–375
–360
VOCLN
Negative current limit threshold
VTRIP = 1.6 V, RDS(on) sensing
–212
–200
–188
mV
VTRIP = 0.2 V, RDS(on) sensing
–30
–25
–20
VRTRIP
Resistor sense trip voltage
Resistor sensing
25
mV
VZC
Zero cross detection offset
0
mV
(2)
Ensured by design. Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS51219RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results

Similar Description - TPS51219RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com