Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3824-30DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3824-30DBVT
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3824-30DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3824-30DBVT Datasheet HTML 1Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 2Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 3Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 4Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 5Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 6Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 7Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 8Page - Texas Instruments TPS3824-30DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEATURES
D Power-On Reset Generator With Fixed Delay
Time of 200 ms (TPS3823/4/5/8)
or 25 ms (TPS3820)
D Manual Reset Input (TPS3820/3/5/8)
D Reset Output Available in Active-Low
(TPS3820/3/4/5), Active-High (TPS3824/5) and
Open-Drain (TPS3828)
D Supply Voltage Supervision Range:
2.5 V, 3 V, 3.3 V, 5 V
D Watchdog Timer (TPS3820/3/4/8)
D Supply Current of 15 μA (Typ)
D SOT23-5 Package
D Temperature Range: −40°C to +85°C
APPLICATIONS
D Applications Using DSPs, Microcontrollers, or
Microprocessors
D Industrial Equipment
D Programmable Controls
D Automotive Systems
D Portable/Battery-Powered Equipment
D Intelligent Instruments
D Wireless Communications Systems
D Notebook/Desktop Computers
DESCRIPTION
The TPS382x family of supervisors provide circuit
initialization and timing supervision, primarily for DSP
and processor-based systems. During power-on,
RESET asserts when the supply voltage VDD becomes
higher than 1.1 V. Thereafter, the supply voltage
supervisor monitors VDD and keeps RESET active as
long as VDD remains below the threshold voltage, VIT−.
An internal timer delays the return of the output to the
inactive state (high) to ensure proper system reset. The
delay time, td, starts after VDD has risen above the
threshold voltage, VIT−. When the supply voltage drops
below the threshold voltage VIT−, the output becomes
active (low) again. No external components are required.
All the devices of this family have a fixed-sense threshold
voltage, VIT−, set by an internal voltage divider.
3
2
4
5
TPS3820, TPS3823, TPS3828: DBV PACKAGE
TPS3820A, TPS3823A, TPS3828A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
MR
VDD
WDI
3
2
4
5
TPS3825 and TPS3825A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
MR
3
2
4
5
TPS3824 and TPS3824A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
WDI
RESET
MR
WDI
100 nF
VDD
GND
TPS3823-33
VDD
RESET
I/O
GND
MSP430C325
3.3 V
TYPICAL APPLICATION
www.ti.com
TPS382x-xx,
TPS382xA-xx
SLVS165H − APRIL 1998 − REVISED JULY 2012
PROCESSOR SUPERVISORY
CIRCUITS
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright © 2001−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TPS3824-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-30DBVT TI-TPS3824-30DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-30DBVT TI-TPS3824-30DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-30DBVT TI-TPS3824-30DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-30DBVT TI1-TPS3824-30DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3824-30DBVT TI1-TPS3824-30DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3824-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com