Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40200SHKJ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200SHKJ
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200SHKJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40200SHKJ Datasheet HTML 3Page - Texas Instruments TPS40200SHKJ Datasheet HTML 4Page - Texas Instruments TPS40200SHKJ Datasheet HTML 5Page - Texas Instruments TPS40200SHKJ Datasheet HTML 6Page - Texas Instruments TPS40200SHKJ Datasheet HTML 7Page - Texas Instruments TPS40200SHKJ Datasheet HTML 8Page - Texas Instruments TPS40200SHKJ Datasheet HTML 9Page - Texas Instruments TPS40200SHKJ Datasheet HTML 10Page - Texas Instruments TPS40200SHKJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
COMP
FB
SS
ISNS
RC
Soft-Start
and
Overcurrent
E/A and SS
Reference
Enable E/A
700 mV
PWM
Logic
GDRV voltage
swing limited
to (V
– 8 V)
IN
VDD
GDRV
GND
+
+
Driver
OSC
UVLO
5
3
4
2
7
1
8
6
TPS40200-HT
www.ti.com
SGLS400B – OCTOBER 2009 – REVISED MAY 2010
DEVICE INFORMATION
Functional Block Diagram
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Switching frequency-setting RC network. Connect capacitor from RC pin to GND pin and resistor from VIN
RC
1
I
pin to RC pin. The device may be synchronized to an external clock by connecting an open-drain output to
this pin and pulling it to GND. The pulse width for synchronization should not be excessive.
Soft-start programming pin. Connect capacitor from SS to GND to program soft-start time. Pulling this pin
SS
2
I
below 150 mV causes the output switching to stop, placing the device in a shutdown state. The pin also
functions as a restart timer for overcurrent events.
COMP
3
O
Compensation. Error amplifier output. Connect control-loop compensation network from COMP to FB.
FB
4
I
Feedback. Error amplifier inverting input. Connect feedback resistor network center tap to this pin.
GND
5
Device ground
GDRV
6
O
Driver output for external P-channel MOSFET
ISNS
7
I
Output voltage.
VDD
8
I
System input voltage. Connect local bypass capacitor from VDD to GND.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40200-HT


Similar Part No. - TPS40200SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200SHKJ TI-TPS40200SHKJ Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com