Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40200-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200-Q1
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40200-Q1 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1 Datasheet HTML 9Page - Texas Instruments TPS40200-Q1 Datasheet HTML 10Page - Texas Instruments TPS40200-Q1 Datasheet HTML 11Page - Texas Instruments TPS40200-Q1 Datasheet HTML 12Page - Texas Instruments TPS40200-Q1 Datasheet HTML 13Page - Texas Instruments TPS40200-Q1 Datasheet HTML 14Page - Texas Instruments TPS40200-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
105
.
0
C
R
1
f
RC
RC
SW
´
´
=
A
750
R
V
RC
IN
m
£
TPS40200-Q1
www.ti.com
SLUS739D
– SEPTEMBER 2006 – REVISED JULY 2011
GENERAL INFORMATION
Overview
The TPS40200 is a nonsynchronous controller with a built-in 200-mA driver designed to drive high-speed
P-channel FETs up to 500 kHz. Its small size combined with complete functionality makes the part both versatile
and easy to use.
The controller uses a low-value current-sensing resistor in series with the input voltage and the power FET
’s
source connection to detect switching current. When the voltage drop across this resistor exceeds 100 mV, the
part enters a hiccup fault mode at approximately 2% of the operating frequency.
The part uses voltage feedback to an error amplifier that is biased by a precision 700-mV reference.
Feed-forward compensation from the input keeps the PWM gain constant over the full input voltage range,
eliminating the need to change frequency compensation for different input voltages.
The part also incorporates a soft-start feature, during which the output follows a slowly rising soft-start voltage,
preventing output-voltage overshoot.
Programming the Operating Frequency
The operating frequency of the controller is determined by an external resistor RRC that is connected from the RC
pin to VDD and a capacitor attached from the RC pin to ground. This connection and the two oscillator
comparators inside the IC are shown in Figure 27. The oscillator frequency can be calculated from the following
equation:
Where:
fSW = clock frequency
RRC = timing resistor value in Ω
CRC = timing capacitor value in F
RRC must be kept large enough that the current through it does not exceed 750 μA when the internal switch
(shown in Figure 27) is discharging the timing capacitor. This condition may be expressed by Equation 1:
(1)
Synchronizing the Oscillator
Figure 27 shows the functional diagram of the TPS40200 oscillator. When synchronizing the oscillator to an
external clock, the RC pin must be pulled below 150 mV for 20 ns or more. The external clock frequency must be
higher than the free-running frequency of the converter as well. When synchronizing the controller, if the RC pin
is held low for an excessive amount of time, erratic operation may occur. The maximum amount of time that the
RC pin should be held low is 50% of a nominal output pulse, or 10% of the period of the synchronization
frequency.
Under circumstances where the input voltage is high and the duty cycle is less than 50%, a Schottky diode
connected from the RC pin to an external clock may be used to synchronize the oscillator. The cathode of the
diode is connected to the RC pin. The trip point of the oscillator is set by an internal voltage divider to be 1/10 of
the input voltage. The clock signal must have an amplitude higher than this trip point. When the clock goes low, it
allows the reset current to restart the RC ramp, synchronizing the oscillator to the external clock. This provides a
simple, single-component method for clock synchronization.
Copyright
© 2006–2011, Texas Instruments Incorporated
11


Similar Part No. - TPS40200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-Q1 TI-TPS40200-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
More results

Similar Description - TPS40200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com