Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3898ADRYT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3898ADRYT
Description  Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3898ADRYT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3898ADRYT Datasheet HTML 1Page - Texas Instruments TPS3898ADRYT Datasheet HTML 2Page - Texas Instruments TPS3898ADRYT Datasheet HTML 3Page - Texas Instruments TPS3898ADRYT Datasheet HTML 4Page - Texas Instruments TPS3898ADRYT Datasheet HTML 5Page - Texas Instruments TPS3898ADRYT Datasheet HTML 6Page - Texas Instruments TPS3898ADRYT Datasheet HTML 7Page - Texas Instruments TPS3898ADRYT Datasheet HTML 8Page - Texas Instruments TPS3898ADRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
TPS3895/TPS3897
DRYPACKAGE
(TOPVIEW)
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
TPS3896/TPS3898
DRYPACKAGE
(TOPVIEW)
TPS3895, TPS3896
TPS3897, TPS3898
www.ti.com
SBVS172A
– JULY 2011 – REVISED SEPTEMBER 2011
Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
Check for Samples: TPS3895, TPS3896, TPS3897, TPS3898
1
FEATURES
DESCRIPTION
The TPS3895, TPS3896, TPS3897, and TPS3898
2
Very Small
µSON (1.45 mm × 1 mm) Package
devices (TPS389x) are a family of very small
Adjustable Threshold down to 500 mV
supervisory circuits that monitors voltage greater than
Threshold Accuracy: 1.0% Over Temperature
500 mV with a 0.25% (typical) threshold accuracy
and offer a adjustable delay time using external
Capacitor-Adjustable Delay Time
capacitors. The TPS389x family also has a logic
Low Quiescent Current: 6
µA (typ)
enable pin (ENABLE or ENABLE) to power on/off the
External Enable Input
output. With the TPS3895, for example, when the
input voltage pin (SENSE) rises above the threshold,
Open-Drain (rated at 18V)/Push-Pull Output
and the enable pin (ENABLE) is high, then the output
Options
pin
(SENSE_OUT)
goes
high
after
the
Temperature Range:
–40°C to +125°C
capacitor-adjustable delay time. When SENSE falls
Pin-for-Pin Compatible with MAX6895/6/7/8
below
the
threshold
or
ENABLE
is
low,
then
SENSE_OUT goes low. For truth tables, see Table 2
APPLICATIONS
and Table 3.
DSPs, Microcontrollers, and Microprocessors
For TPS389xA versions, both SENSE and ENABLE
have a capacitor-adjustable delay. The output asserts
Notebook and Desktop Computers
after
this
capacitor-adjustable
delay
when
both
PDAs and Handheld Products
SENSE
and
ENABLE
inputs
are
good.
The
Portable and Battery-Powered Products
TPS389xP devices have a small, 0.2-
µs propagation
delay from when the enable pin asserts to when the
FPGA and ASIC
output pin asserts, provided SENSE is above the
threshold.
All devices operate from 1.7 V to 6.5 V and have a
typical quiescent current of 6
µA with an open-drain
output rated at 18 V. The TPS389x is available in an
ultra-small
µSON package and is fully specified over
the temperature range of TJ = –40°C to +125°C.
Table 1. FAMILY COMPARISON
INPUT
(SENSE)
ENABLE
DEVICE
ENABLE
OUTPUT
DELAY
DELAY
Active
Active high,
Capacitor
Capacitor
TPS3895A
high
push-pull
adjustable
adjustable
Active
Active high,
Capacitor
TPS3895P
0.2
µs
high
push-pull
adjustable
Active low,
Capacitor
Capacitor
TPS3896A
Active low
push-pull
adjustable
adjustable
Active low,
Capacitor
TPS3896P
Active low
0.2
µs
push-pull
adjustable
Active
Active high,
Capacitor
Capacitor
TPS3897A
high
open-drain
adjustable
adjustable
Active
Active high,
Capacitor
TPS3897P
0.2
µs
high
open-drain
adjustable
Active low,
Capacitor
Capacitor
TPS3898A
Active low
open-drain
adjustable
adjustable
Active low,
Capacitor
TPS3898P
Active low
0.2
µs
open-drain
adjustable
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3898ADRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3898ADRYT TI1-TPS3898ADRYT Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
More results

Similar Description - TPS3898ADRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389 TI1-TPS389 Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
logo
Maxim Integrated Produc...
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com