Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3897ADRYT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3897ADRYT
Description  Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897ADRYT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3897ADRYT Datasheet HTML 6Page - Texas Instruments TPS3897ADRYT Datasheet HTML 7Page - Texas Instruments TPS3897ADRYT Datasheet HTML 8Page - Texas Instruments TPS3897ADRYT Datasheet HTML 9Page - Texas Instruments TPS3897ADRYT Datasheet HTML 10Page - Texas Instruments TPS3897ADRYT Datasheet HTML 11Page - Texas Instruments TPS3897ADRYT Datasheet HTML 12Page - Texas Instruments TPS3897ADRYT Datasheet HTML 13Page - Texas Instruments TPS3897ADRYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Time(200ns/div)
V
2V/div
ENABLE
V
2V/div
SENSE_OUT
TPS3895, TPS3896
TPS3897, TPS3898
SBVS172A
– JULY 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, and VCC = 3.3 V,unless otherwise noted.
ENABLE POWER ON/OFF DELAY
(TPS3895P)
Figure 22.
THEORY OF OPERATION
GENERAL DESCRIPTION
The TPS3895, TPS3896, TPS3897, and TPS3898 devices (TPS389x) are a family of ultra-small supervisory
circuits. The TPS389x is designed to assert the SENSE_OUT or SENSE_OUT signal, as shown in Table 2 and
Table 3. When the SENSE pin rises above 0.5 V and the enable input is asserted (ENABLE = high or ENABLE =
low) , the output asserts (SENSE_OUT goes high or SENSE_OUT goes low) after the capacitor-adjustable delay
time. The SENSE pin can be set to any voltage threshold above 0.5 V using an external resistor divider. A broad
range of output delay times and voltage thresholds can be supported, allowing these devices to be used in wide
array of applications.
Table 2. TPS3895/7 Truth Table
CONDITIONS
OUTPUT
STATUS
ENABLE = high
SENSE
< VIT+
SENSE_OUT = low
Output not asserted
ENABLE = low
SENSE
< VIT+
SENSE_OUT = low
Output not asserted
ENABLE = low
SENSE
> VIT+
SENSE_OUT = low
Output not asserted
ENABLE = high
SENSE
> VIT+
SENSE_OUT = high
Output asserted after delay
Table 3. TPS3896/8 Truth Table
CONDITIONS
OUTPUT
STATUS
ENABLE = low
SENSE
< VIT+
SENSE_OUT = high
Output not asserted
ENABLE = high
SENSE
< VIT+
SENSE_OUT = high
Output not asserted
ENABLE = high
SENSE
> VIT+
SENSE_OUT = high
Output not asserted
ENABLE = low
SENSE
> VIT+
SENSE_OUT = low
Output asserted after delay
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS3895 TPS3896 TPS3897 TPS3898


Similar Part No. - TPS3897ADRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3897ADRYT TI1-TPS3897ADRYT Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
More results

Similar Description - TPS3897ADRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389 TI1-TPS389 Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
logo
Maxim Integrated Produc...
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com