Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU406 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBU406
Description  Single Phase 4.0AMP.Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GBU406 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GBU406 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBU406 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
GBU
Features
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Surge overload rating to 150 amperes peak
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Case: Molded plastic body
Weight: 0. 3 ounce, 8.0 grams
Mounting torque: 5 in. lbs. Max.
Maximum Ratings and Electrical Characteristics
Rating at 25 o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GBU
401
GBU
402
GBU
403
GBU
404
GBU
405
GBU
406
GBU
407
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TC = 100
oC
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sne-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 2.0A
@ 4.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Junction Capacitance (Note 3)
Cj
100
45
pF
Typical Thermal Resistance (Note 1)
(Note 2)
RθJA
RθJC
20
4.0
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Notes:
1. Mounted on P.C.B. with 0.5” x 0.5” (12mm x 12mm) Copper Pads and 0.375” 9.5mm) Lead Length. 2.
Mounted on Al. Plate of 2” x 3” x 0.25” Al-Plate Heatsink.
3. Measured at 1.0MHZ and Applied Reverse Voltage of 4.0 Volts.
GBU401-GBU407
Single Phase 4.0AMP.Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GBU406

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
GBU406 JUXING-GBU406 Datasheet
1Mb / 2P
   GBJ35005
logo
Diodes Incorporated
GBU406 DIODES-GBU406 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
ASEMI TECHNOLOGY., LTD
GBU406 ASEMI-GBU406 Datasheet
101Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
SynSemi, Inc.
GBU406 SYNSEMI-GBU406 Datasheet
470Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Kingtronics Internation...
GBU406 KINGTRONICS-GBU406 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
More results

Similar Description - GBU406

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU801 LUGUANG-GBU801 Datasheet
165Kb / 2P
   Single Phase 8.0AMP.Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com