Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3705-30D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3705-30D
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3705-30D Datasheet(HTML) 3 Page - Texas Instruments

  TPS3705-30D Datasheet HTML 1Page - Texas Instruments TPS3705-30D Datasheet HTML 2Page - Texas Instruments TPS3705-30D Datasheet HTML 3Page - Texas Instruments TPS3705-30D Datasheet HTML 4Page - Texas Instruments TPS3705-30D Datasheet HTML 5Page - Texas Instruments TPS3705-30D Datasheet HTML 6Page - Texas Instruments TPS3705-30D Datasheet HTML 7Page - Texas Instruments TPS3705-30D Datasheet HTML 8Page - Texas Instruments TPS3705-30D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
TRUTH TABLE, TPS3705
MR
VDD>VIT
RESET
TYPICAL
DELAY
H
→L
1
H
→L
30 ns
L
→H
1L
→H
200 ms
H
1
→0H→L
3
µs
H
0
→1
L
→H
200 ms
TRUTH TABLE, TPS3707
MR
VDD>VIT
RESET
RESET
TYPICAL
DELAY
H
→L
1
H
→L
L
→H
30 ns
L
→H
1L
→H
H
→L
200 ms
H
1
→0H→L
L
→H3 µs
H
0
→1
L
→H
H
→L
200 ms
TRUTH TABLE, TPS370x
PFI>VIT
PFO
TYPICAL
DELAY
0
→1
L
→H
0.5
µs
1
→0
H
→L
0.5
µs
functional block diagram
Reset
Logic + Timer
_
+
_
+
R1
R2
14 k
Reference
Voltage
of 1.25 V
Watchdog
Logic + Timer
Oscillator
40 k
Transition
Detection
VDD
MR
GND
PFI
WDI
RESET
RESET
PFO
WDO
Only
TPS3705
Only
TPS3707
Only
TPS3705
TPS3705
TPS3707


Similar Part No. - TPS3705-30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705-30D TI-TPS3705-30D Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30D TI-TPS3705-30D Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30D TI1-TPS3705-30D Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-30DG4 TI-TPS3705-30DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30DGN TI-TPS3705-30DGN Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com