Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3619-33MDGKREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3619-33MDGKREP
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3619-33MDGKREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS3619-33MDGKREP Datasheet HTML 1Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 2Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 3Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 4Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 5Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 6Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 7Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 8Page - Texas Instruments TPS3619-33MDGKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VIT
VBAT
VDD
VOUT
RESET
td
t
t
t
td
TPS3619-33-EP, TPS3619-50-EP
TPS3620-33-EP, TPS3620-50-EP
www.ti.com
SGLS350C – JULY 2006 – REVISED SEPTEMBER 2010
Timing Requirements
at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
at VDD
VIH = VIT + 0.2 V, VIL = VIT – 0.2 V
6
ms
tw
Pulse width
at MR
VDD = VIT + 0.2 V, VIL = 0.3 x VDD, VIH = 0.7 × VDD
100
ns
Switching Characteristics
at RL = 1 MΩ, CL= 50 pF, TA= –55°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT + 0.2 V, MR ≥ 0.7 × VDD,
td
Delay time
60
100
140
ms
See timing diagram
VDD to RESET
VIL = VIT – 0.4 V, VIH = VIT + 0.4 V
2
5
Propagation (delay) time,
PFI to PFO delay
VIL = VPFI – 0.35 V, VIH = VPFI + 0.35 V
3
5
tPHL
ms
high-to-low-level output
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD,
MR to RESET
0.1
1
VIH = 0.7 × VDD
Timing Diagram
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS3619-33-EP TPS3619-50-EP TPS3620-33-EP TPS3620-50-EP


Similar Part No. - TPS3619-33MDGKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33MDGKREP TI1-TPS3619-33MDGKREP Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3619-33MDGKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com