Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2561QDRCRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561QDRCRQ1
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2561QDRCRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2561QDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS2561QDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ENx = Active Low for the TPS2560
ENx = Active High for the TPS2561-Q1
TPS2561-Q1
DRC PACKAGE
(TOP VIEW)
PAD
1
2
3
4
EN1
GND
IN
EN2 5
IN
9
6
OUT1
FAULT2
ILIM
7
8
OUT2
10
FAULT1
OUT1
OUT2
IN
IN
GND
FAULT1
ILIM
EN2
RILIM
2x RFAULT
100 kΩ
Control Signal
2.5 V – 6.5 V
VOUT1
TPS2561-Q1
0.1 F
μ
Fault Signal
PowerPAD
VOUT2
EN1
Control Signal
FAULT2
Fault Signal
2x CLOAD
TPS2561-Q1
www.ti.com
SLVSB51A – DECEMBER 2011 – REVISED AUGUST 2012
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
Check for Samples: TPS2561-Q1
1
FEATURES
DESCRIPTION
The TPS2561-Q1 is a dual-channel power-distribution
2
Qualified for Automotive Applications
switch intended for applications where precision
Two Separate Current Limiting Channels
current limiting is required or heavy capacitive loads
Meets USB Current-Limiting Requirements
and short circuits are encountered. These devices
offer a programmable current-limit threshold between
Adjustable Current Limit, 250 mA–2.8 A (typ)
250 mA and 2.8 A (typ) per channel through an
± 7.5% Current-Limit Accuracy at 2.8 A
external resistor. The power-switch rise and fall times
Fast Overcurrent Response - 3.5-
μS (typ)
are controlled to minimize current surges during turn
on or off.
Two 44-m
Ω High-Side MOSFETs
Operating Range: 2.5 V to 6.5 V
Each channel of the TPS2561-Q1 device limits the
output current to a safe level by switching into a
2-
μA Maximum Standby Supply Current
constant-current mode when the output load exceeds
Built-in Soft-Start
the current-limit threshold. The FAULTx logic output
15 kV or 8 kV System-Level ESD Capable
for each channel independently asserts low during
overcurrent and over temperature conditions.
UL Listed – File No. E169910
CB and Nemko Certified
Figure 1. Typical Application as USB Power Switch
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2561QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561 TI-TPS2561 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561 TI-TPS2561 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561A TI1-TPS2561A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A TI1-TPS2561A Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2561QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
   Precision Adjustable Current -Limited Power Switch
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
   Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com