Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2032QDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2032QDRQ1
Description  POWER-DISTRIBUTION SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2032QDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2032QDRQ1 Datasheet HTML 6Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 7Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 8Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 9Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 10Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 11Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 12Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 13Page - Texas Instruments TPS2032QDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
55
45
35
−50 −25
0
25
50
65
75
75
100
150
TJ − Junction Temperature − °C
125
VI(IN) = 3.3 V
VI(IN) = 4 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 2.7 V
1
0
−1
−50 −25
0
25
50
4
5
75
100
150
TJ − Junction Temperature − °C
125
3
2
VI(IN) = 4 V
VI(IN) = 2.7 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 3.3 V
55
45
35
2.5
3
3.5
4
4.5
65
75
5
5.5
6
VI − Input Voltage − V
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
TJ = −40°C
1
0
−1
2.5
3
3.5
4
4.5
4
5
5
5.5
6
VI − Input Voltage − V
3
2
TJ = 85°C
TJ = 0°C
TJ = −40°C
TJ = 125°C
TJ = 25°C
TPS2032-Q1
SLVS960 – MARCH 2010
www.ti.com
SUPPLY CURRENT (ENABLED)
SUPPLY CURRENT (DISABLED)
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 14.
Figure 15.
SUPPLY CURRENT (ENABLED)
SUPPLY CURRENT (DISABLED)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2032-Q1


Similar Part No. - TPS2032QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2032 TI-TPS2032 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2032 TI-TPS2032 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2032D TI-TPS2032D Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2032D TI1-TPS2032D Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2032DG4 TI1-TPS2032DG4 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2032QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com