Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71H01QPWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS71H01QPWPRG4
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H01QPWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS71H01QPWPRG4 Datasheet HTML 5Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 9Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 10Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 11Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 12Page - Texas Instruments TPS71H01QPWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS71H48 electrical characteristics at IO = 10 mA, VI = 5.85 V, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω,
SENSE shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS71H48Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 5.85 V,
IO = 10 mA
25
°C
4.85
V
Output voltage
5.85 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 500 mA
−40
°C to 125°C
4.75
4.95
V
IO = 10 mA,
VI = 4.75 V
25
°C
2.9
6
IO = 10 mA,
VI = 4.75 V
−40
°C to 125°C
8
Dropout voltage
IO = 100 mA,
VI = 4.75 V
25
°C
30
37
mV
Dropout voltage
IO = 100 mA,
VI = 4.75 V
−40
°C to 125°C
54
mV
IO = 500 mA,
VI = 4.75 V
25
°C
150
180
IO = 500 mA,
VI = 4.75 V
−40
°C to 125°C
250
Pass-element series
(4.75 V − VO)/IO,
VI = 4.75 V,
25
°C
0.32
0.35
Pass-element series
resistance
(4.75 V − VO)/IO,
IO = 500 mA
VI = 4.75 V,
−40
°C to 125°C
0.52
Input regulation
VI = 5.85 V to 10 V,
50 A
≤ IO ≤ 500 mA
25
°C
27
mV
Input regulation
VI = 5.85 V to 10 V,
50
µA ≤ IO ≤ 500 mA
−40
°C to 125°C
37
mV
IO = 5 mA to 500 mA,
5.85 V
≤ VI ≤ 10 V
25
°C
12
42
mV
Output regulation
IO = 5 mA to 500 mA,
5.85 V
≤ VI ≤ 10 V
−40
°C to 125°C
80
mV
Output regulation
IO = 50 A to 500 mA, 5.85 V ≤ VI ≤ 10 V
25
°C
42
60
mV
IO = 50 µA to 500 mA, 5.85 V ≤ VI ≤ 10 V
−40
°C to 125°C
130
mV
IO = 50 A
25
°C
42
53
Ripple rejection
f = 120 Hz
IO = 50 µA
−40
°C to 125°C
39
dB
Ripple rejection
f = 120 Hz
IO = 500 mA
25
°C
39
50
dB
IO = 500 mA
−40
°C to 125°C
35
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 Hz
f
100 kHz,
CO = 4.7 µF
25
°C
410
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
CO = 10 µF
25
°C
328
µVrms
Output noise voltage
CSR† = 1
CO = 100 µF
25
°C
212
µVrms
PG trip-threshold voltage
VO voltage decreasing from above VPG
−40
°C to 125°C
4.5
4.7
V
PG hysteresis voltage
25
°C
50
mV
PG output low voltage
IPG = 1.2 mA,
VI = 4.12 V
25
°C
0.2
0.4
V
PG output low voltage
IPG = 1.2 mA,
VI = 4.12 V
−40
°C to 125°C
0.4
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS71H01QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71H01QPWPRG4 TI-TPS71H01QPWPRG4 Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS71H01QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com