Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A8101DRBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A8101DRBR
Description  Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A8101DRBR Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A8101DRBR Datasheet HTML 1Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 2Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 3Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 4Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 5Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 6Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 7Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 8Page - Texas Instruments TPS7A8101DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IN
EN
NR
OUT
GND
Current
Limit
Thermal
Shutdown
UVLO
1.20 V
Bandgap
225 kW
Quick-Start
Adjustable
0.8 V
33 kW
58.7 kW
33 kW
FB
15 pF
TPS7A8101
IN
NR
IN
EN
6
7
8
5
4
OUT
OUT
FB/SNS
GND
1
2
3
TPS7A8101
www.ti.com
SBVS179A – DECEMBER 2011 – REVISED APRIL 2012
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
PIN CONFIGURATION
DRB PACKAGE
3mm x 3mm SON-8
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
DESCRIPTION
Driving this pin high turns on the regulator. Driving this pin low puts the regulator into shutdown mode. Refer
EN
5
to the Shutdown section for more details. EN must not be left floating and can be connected to IN if not
used.
FB
3
This pin is the input to the control-loop error amplifier and is used to set the output voltage of the device.
GND
4, pad
Ground
IN
7, 8
Unregulated input supply
Connect an external capacitor between this pin and ground to reduce output noise to very low levels. The
NR
6
capacitor also slows down the VOUT ramp (RC softstart).
OUT
1, 2
Regulator output. A 4.7-
μF or larger capacitor of any type is required for stability.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS7A8101DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8101-Q1 TI1-TPS7A8101-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101QDRBRQ1 TI1-TPS7A8101QDRBRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Similar Description - TPS7A8101DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com