Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4201
Description  28-V Input Voltage, 50-mA Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4201 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A4201 Datasheet HTML 1Page - Texas Instruments TPS7A4201 Datasheet HTML 2Page - Texas Instruments TPS7A4201 Datasheet HTML 3Page - Texas Instruments TPS7A4201 Datasheet HTML 4Page - Texas Instruments TPS7A4201 Datasheet HTML 5Page - Texas Instruments TPS7A4201 Datasheet HTML 6Page - Texas Instruments TPS7A4201 Datasheet HTML 7Page - Texas Instruments TPS7A4201 Datasheet HTML 8Page - Texas Instruments TPS7A4201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS7A42
www.ti.com
SBVS184
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 2.0 V or VIN = 7.0 V (whichever is greater), VEN = VIN, IOUT = 100 µA, CIN = 1 μF, COUT = 4.7 μF,
and FB tied to OUT, unless otherwise noted.
TPS7A42
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
7.0
28.0
V
VREF
Internal reference
TJ = +25°C, VFB = VREF, VIN = 9 V, IOUT = 25 mA
1.161
1.173
1.185
V
Output voltage range(1)
VIN ≥ VOUT(NOM) + 2.0 V
VREF
26
V
Nominal accuracy
TJ = +25°C, VIN = 9 V, IOUT = 25 mA
–1.0
+1.0
%VOUT
VOUT
VOUT(NOM) + 2.0 V ≤ VIN ≤ 24 V
(2)
Overall accuracy
–2.5
+2.5
%VOUT
100
µA ≤ IOUT ≤ 50 mA
ΔVO(ΔVI)
Line regulation
7 V
≤ VIN ≤ 28 V
0.03
%VOUT
ΔVO(ΔVL)
Load regulation
100
µA ≤ IOUT ≤ 50 mA
0.31
%VOUT
VIN = 17 V, VOUT(NOM) = 18 V, IOUT = 20 mA
290
mV
VDO
Dropout voltage
VIN = 17 V, VOUT(NOM) = 18 V, IOUT = 50 mA
0.78
1.3
V
VOUT = 90% VOUT(NOM), VIN = 7.0 V, TJ ≤ +85°C
51
117
200
mA
ILIM
Current limit
VOUT = 90% VOUT(NOM), VIN = 9.0 V
51
128
200
mA
7 V
≤ VIN ≤ 28 V, IOUT = 0 mA
25
65
μA
IGND
Ground current
IOUT = 50 mA
25
μA
ISHDN
Shutdown supply current
VEN = +0.4 V
4.1
20
μA
I FB
Feedback current(3)
–0.1
0.01
0.1
µA
IEN
Enable current
7 V
≤ VIN ≤ 28 V, VIN = VEN
0.02
1.0
μA
VEN_HI
Enable high-level voltage
1.5
VIN
V
VEN_LO
Enable low- level voltage
0
0.4
V
VIN = 12 V, VOUT(NOM) = VREF, COUT = 10 μF,
58
μVRMS
BW = 10 Hz to 100 kHz
VNOISE
Output noise voltage
VIN = 12 V, VOUT(NOM) = 5 V, COUT = 10 μF,
73
μVRMS
CBYP
(4) = 10 nF, BW = 10 Hz to 100 kHz
VIN = 12 V, VOUT(NOM) = 5 V, COUT = 10 μF,
PSRR
Power-supply rejection ratio
65
dB
CBYP
(4) = 10 nF, f = 100 Hz
Shutdown, temperature increasing
+170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+150
°C
Operating junction temperature
TJ
–40
+125
°C
range
(1)
To ensure stability at no-load conditions, a current from the feedback resistive network greater than or equal to 10
μA is required.
(2)
Maximum input voltage is limited to 24 V because of the package power dissipation limitations at full load (P
≈ (VIN – VOUT) × IOUT = (24
V
– VREF) × 50 mA ≈ 1.14 W). The device is capable of sourcing a maximum current of 50mA at higher input voltages as long as the
power dissipated is within the thermal limits of the package plus any external heatsinking.
(3)
IFB > 0 flows out of the device.
(4)
CBYP refers to a bypass capacitor connected to the FB and OUT pins.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A42


Similar Part No. - TPS7A4201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results

Similar Description - TPS7A4201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
ABLIC Inc.
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com