Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3301KC Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A3301KC
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3301KC Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A3301KC Datasheet HTML 1Page - Texas Instruments TPS7A3301KC Datasheet HTML 2Page - Texas Instruments TPS7A3301KC Datasheet HTML 3Page - Texas Instruments TPS7A3301KC Datasheet HTML 4Page - Texas Instruments TPS7A3301KC Datasheet HTML 5Page - Texas Instruments TPS7A3301KC Datasheet HTML 6Page - Texas Instruments TPS7A3301KC Datasheet HTML 7Page - Texas Instruments TPS7A3301KC Datasheet HTML 8Page - Texas Instruments TPS7A3301KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS7A33
www.ti.com
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
(1)
At –40°C
≤ TJ ≤ +125°C, |VIN| = |VOUT(NOM)| + 1.0 V or |VIN| = 3.0 V (whichever is greater), VEN = VIN, IOUT = 1 mA, CIN = 10 μF, COUT = 10
μF, CNR/SS = 0 nF, and FB tied to OUT, unless otherwise noted.
TPS7A33
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
–35.0
–3.0
V
VREF
Internal reference
TJ = +25°C, VFB = VREF
–1.192
–1.175
–1.157
V
VUVLO
Under-voltage lockout threshold
-2.0
V
Output voltage range(2)
|VIN| ≥ |VOUT(NOM)| + 1.0 V
–33.2
VREF
V
Nominal accuracy
TJ = +25°C, |VIN| = |VOUT(NOM)| + 0.5 V
–1.5
1.5
%VOUT
5.0 V
≤ |VIN| ≤ 35 V
VOUT
±1.0
%VOUT
1 mA
≤ IOUT ≤ 1 A
Overall accuracy
|VOUT(NOM)| + 1.0 V ≤ |VIN| ≤ 35 V
–2.5
2.5
%VOUT
1 mA
≤ IOUT ≤ 1 A
ΔVO(ΔVI)
Line regulation
|VOUT(NOM)| + 1.0 V ≤ |VIN| ≤ 35 V
0.14
%VOUT
ΔVO(ΔIL)
Load regulation
1 mA
≤ IOUT ≤ 1 A
0.4
%VOUT
VIN = 95% VOUT(NOM), IOUT = 500 mA
290
mV
|VDO|
Dropout voltage
VIN = 95% VOUT(NOM), IOUT = 1 A
325
800
mV
ILIM
Current limit
VOUT = 90% VOUT(NOM)
1900
mA
IOUT = 0 mA
210
350
μA
IGND
Ground current
IOUT = 500 mA
5
mA
VEN = +0.4 V
1.0
3.0
μA
|ISHDN|
Shutdown supply current
VEN = –0.4 V
1.0
3.0
μA
I FB
Feedback current(3)
14
100
nA
VEN = |VIN| = |VOUT(NOM)| + 1.0 V
0.48
1.0
μA
|IEN|
Enable current
VIN = VEN = –35 V
0.51
1.0
μA
VIN = –35 V, VEN = +10 V
0.50
1.0
μA
V+EN_HI
Positive enable high-level voltage
2.0
10
V
V+EN_LO
Positive enable low-level voltage
0
0.4
V
V–EN_HI
Negative enable high-level voltage
VIN
–2.0
V
V–EN_LO
Negative enable low-level voltage
–0.4
0
V
VIN = –3 V, VOUT(NOM) = VREF, COUT = 22 μF,
Vn
Output noise voltage
16
μVRMS
CNR/SS = 10 nF, BW = 10 Hz to 100 kHz
VIN = –6.2 V, VOUT(NOM) = –5 V, COUT = 22 μF,
PSRR
Power-supply rejection ratio
72
dB
CNR/SS = 10 nF, CFF
(4) = 10 nF, f = 10 kHz
Shutdown, temperature increasing
+170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+150
°C
Operating junction temperature
TJ
–40
+125
°C
range
(1)
At operating conditions, VIN ≤ 0 V, VOUT(NOM) ≤ VREF ≤ 0 V. At regulation, VIN ≤ VOUT(NOM) – |VDO|. IOUT > 0 flows from OUT to IN.
(2)
To ensure stability at no load conditions, a current from the feedback resistive network equal to or greater than 5
μA is required.
(3)
IFB > 0 flows into the device.
(4)
CFF refers to a feed-forward capacitor connected to the FB and OUT pins.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS7A3301KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301KC TI1-TPS7A3301KC Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A3301KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com