Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A1601DGNT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1601DGNT
Description  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601DGNT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A1601DGNT Datasheet HTML 5Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 6Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 7Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 8Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 9Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 10Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 11Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 12Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IN
EN
DELAY
GND
C
0.1
F
m
IN
C
0.1
F
m
DELAY
V
IN
PG
OUT
FB
R
1.07 M
W
2
R
3.4 M
W
1
R
1 M
W
PG
C
2.2
F
m
OUT
V
5 V
OUT
V
OUT
V
REF
- 1
R =R
1
2
TPS7A16
www.ti.com
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
THEORY OF OPERATION
GENERAL DESCRIPTION
The TPS7A16 family of ultra-low power voltage regulators offers the benefit of ultra-low quiescent current, high
input voltage, and miniaturized, high thermal-performance packaging.
The TPS7A16 family is designed for continuous or sporadic (power backup) battery-operated applications where
ultra-low quiescent current is critical to extending system battery life.
ADJUSTABLE VOLTAGE OPERATION
The TPS7A1601 has an output voltage range from 1.194 V to 20 V. The nominal output of the device is set by
two external resistors, as shown in Figure 14:
Figure 14. Adjustable Operation
R1 and R2 can be calculated for any output voltage range using the formula shown in Equation 1:
(1)
Resistor Selection
It is recommended to use resistors in the order of M
Ω to keep the overall quiescent current of the system as low
as possible (by making the current used by the resistor divider negligible compared to the device
’s quiescent
current).
If greater voltage accuracy is required, take into account the voltage offset contributions as a result of feedback
current and use of 0.1% tolerance resistors.
Table 1 shows the resistor combination to achieve a few of the most common rails using commercially available
0.1% tolerance resistors to maximize nominal voltage accuracy, while abiding to the formula shown in
Equation 1.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS7A16


Similar Part No. - TPS7A1601DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1601DGNT TI1-TPS7A1601DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1601DGNT TI-TPS7A1601DGNT Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Similar Description - TPS7A1601DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com