Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC84000TPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC84000TPWPRQ1
Description  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84000TPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC84000TPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPIC84134-Q1
www.ti.com
SLDS176 – AUGUST 2010
DEVICE INFORMATION
The TPIC84134 is designed to control Passive Entry, Passive Start (PEPS) systems as a part of the central body
control module. Functionally, the TPIC84134 transmits a magnetic field signal via antenna coils located
throughout the vehicle. The data is transmitted using amplitude shift keying (ASK). Such a signal is received by
an external RFID card or key, which then activates the card or key to then process and send an authenticating
signal back to the vehicle, thus authenticating the driver. Once authenticated, the driver is able to open doors or
start the vehicle depending on the systems specific configuration. In general, the antenna load of the TPIC84134
is a coil, which generates a magnetic field which is high enough to transmit data to the ID card, and accurate
enough for location recognition outside of the vehicle.
Functional Description
Power Management
The TPIC84134 operates with three types of supply voltage: Digital 5V (VD), Analog 5V (VA ), and Power (VS).
While VD is used for the internal digital circuitry and VA voltage determines:
The accuracy of the output voltage in data and destroy modes, because the sine wave signal is derived from
the VA voltage.
The accuracy of the current measurements, because the Current Measurement (ADC) reference voltage is
derived from the VA voltage.
The supply currents for the IC, as the bias current is derived from the VA voltage.
NOTE
VD and VA must be tied together to avoid latch up.
VS must be powered on all VS pins regardless of which outputs are used.
Biasing: Biasing of the circuit is done by an external resistor, RBIAS = 62kΩ, 1%, 50ppm. The value of the RBIAS
resistance determines:
The accuracy of the current measurements, because the ADC reference voltage is proportional to the VA
voltage divided by the value of RBIAS.
The supply currents for the IC, as the biasing current is proportional to the VA voltage divided by the value of
RBIAS.
Clock Divider
The Clock Divider generates a 2.1472 MHz internal clock signal from the external clock. The internal clock
frequency is used for:
Clearing and latching the fault bits within Control and Status Register (CSR).
For generating the frequency of the sine wave
The divider can be programmed to either: /1, /2, /4, /8, with the default being /8. Table 1 shows the possible
CLK_IN input frequencies to generate 134.2 kHz signal.
Table 1. Clock Divider
Divider
CLK_IN
/1
2.1472 MHz
/2
4.2944 MHz
/4
8.5888 MHz
/8 (default)
17.1776 MHz
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPIC84134-Q1


Similar Part No. - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000TPWPRQ1 TI1-TPIC84000TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84000TPWPRQ1 TI-TPIC84000TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Similar Description - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com