Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC84000TPWPRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC84000TPWPRQ1
Description  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84000TPWPRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC84000TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
VS /2
VS
0
VS /2
VS
Out1
Out2
2 Bytes
Counter for start of
transmission with Gain 2:
16 bits
Counter for transmission
in Gain 2:
Transmitted
Data (Bits)
4 bits
Length of
destroy bits :
8 bits
Counter for start
of destroy bits
:
Start
8
16
32
56
( V )
TPIC84134-Q1
www.ti.com
SLDS176 – AUGUST 2010
Gains
Gain1 is a programmable gain for the output antenna working in normal mode to control the transmission power.
Gain2 allows the user to change the gain of the transmitted telegram for a programmable number of data bits
after which the telegram is continued in gain1. The time at which gain2 begins is programmable in the CSR;
alternatively, if the length of bits sent in gain2 is zero (0) the entire telegram is transmitted in gain1. Note, these
gains are not cascaded; it is either Gain1 or Gain2.
Gain for destroy bit transmission dictates the gain for the output channels set to "destroy bits". The gain for
destroy bits is a logarithmic scale and it is set to 500 mVpp by default.
Figure 3 shows an example in which Out1 is configured to transmit the telegram, using both Gain1 and Gain2.
The counter for start of transmission with Gain2 = 2 Bytes, and the counter for transmission in gain2 = 16 bits.
Note that the transmission resumes at Gain1 after the transmission at Gain2. The diagram also displays Out2
with destroy bits where counter for start of destroy bits = 8 bits, and Length of destroy = 4 bits.
Figure 3. Transmitted Telegram Sample Gain1 And Gain2
Multiplexer (Mux)
A multiplexer is used to pick between the various gains of the signal to each output, as well as selecting the
phase ( 0° or 180°) of the transmitting antennas.
A maximum of two outputs, or 2 half-bridges, can be activated at the same time in normal mode, where each is
designed to drive the required power into the antenna. Further, all other outputs can also be activated with
destroy bits at the same time(at a lower Vpp). As the bridges operate in a linear mode, the sine wave generation
at the bridge output is optimized to reduce EMI emissions and power dissipation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPIC84134-Q1


Similar Part No. - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000TPWPRQ1 TI1-TPIC84000TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84000TPWPRQ1 TI-TPIC84000TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Similar Description - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com