Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2054D4AYZKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2054D4AYZKT
Description  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2054D4AYZKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2054D4AYZKT Datasheet HTML 4Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 5Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 6Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 7Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 8Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 9Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 10Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 11Page - Texas Instruments TPA2054D4AYZKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Total Gain = 6 dB
PO = 600 mW
RL = 8 Ω + 33 µH
VDD = 5 V
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G003
1
10k
DIFF Mode
SE Mode
Total Gain = 6 dB
PO = 150 mW
RL = 8 Ω + 33 µH
VDD = 3 V
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G001
1
10k
DIFF Mode
SE Mode
Total Gain = 6 dB
PO = 300 mW
RL = 8 Ω + 33 µH
VDD = 3.6 V
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G002
1
10k
DIFF Mode
SE Mode
Total Gain = 6 dB
PO = 35 mW
RL = 16 Ω
VDD = 3 V
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G004
1
10k
DIFF Mode
SE Mode
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G005
1
10k
DIFF Mode
SE Mode
Total Gain = 6 dB
PO = 50 mW
RL = 16 Ω
VDD = 3.6 V
f − Frequency − Hz
20
100
1k
20k
0.001
0.01
0.1
10
G006
1
10k
DIFF Mode
SE Mode
Total Gain = 6 dB
PO = 100 mW
RL = 16 Ω
VDD = 5 V
TPA2054D4A
SLOS666 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTIC GRAPHS
CI = 1 mF, Cbypass = 1 mF
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE (SP)
NOISE (SP)
NOISE (SP)
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
Figure 7.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE (HP)
NOISE (HP)
NOISE (HP)
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2054D4A


Similar Part No. - TPA2054D4AYZKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4 TI1-TPA2054D4 Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4YZKR TI1-TPA2054D4YZKR Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4YZKT TI1-TPA2054D4YZKT Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

Similar Description - TPA2054D4AYZKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2054D4 TI1-TPA2054D4 Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com