Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2038D1YFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2038D1YFFR
Description  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2038D1YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2038D1YFFR Datasheet HTML 6Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 7Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 8Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 9Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 10Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 11Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 12Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 13Page - Texas Instruments TPA2038D1YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 15 mW
PO = 75 mW
PO = 200 mW
VDD = 2.5 V
RL = 8 Ω + 33 µH
Gain = 12 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 100 mW
PO = 500 mW
PO = 2 W
VDD = 5.0 V
RL = 4 Ω + 33 µH
Gain = 12 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 50 mW
PO = 250 mW
PO = 1 W
VDD = 3.6 V
RL = 4 Ω + 33 µH
Gain = 12 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 15 mW
PO = 75 mW
PO = 200 mW
VDD = 2.5 V
RL = 4 Ω + 33 µH
Gain = 12 dB
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 217 Hz
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 8 Ω + 33 µH
Gain = 6 dB
TPA2038D1
SLOS697
– AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PVDD = VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
THD + NOISE
THD + NOISE
vs FREQUENCY (12 dB GAIN)
vs FREQUENCY (12 dB GAIN)
Figure 24.
Figure 25.
THD + NOISE
THD + NOISE
vs FREQUENCY (12 dB GAIN)
vs FREQUENCY (12 dB GAIN)
Figure 26.
Figure 27.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs COMMON MODE INPUT VOLTAGE (12 dB GAIN)
vs FREQUENCY (6 dB GAIN)
Figure 28.
Figure 29.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPA2038D1YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2038D1YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com